전자부품 데이터시트 검색엔진 |
|
AD8197A 데이터시트(PDF) 11 Page - Analog Devices |
|
AD8197A 데이터시트(HTML) 11 Page - Analog Devices |
11 / 28 page AD8197A Rev. 0 | Page 11 of 28 PERFORMANCE GRAPHS 0.5 0.6 0 025 HDMI CABLE LENGTH (m) 0.4 0.3 0.2 0.1 5 101520 2m CABLE = 30AWG 5m TO 20m CABLES = 24AWG 1.65Gbps EQ = 12dB 2.25Gbps EQ = 12dB 2.25Gbps EQ = 6dB 1.65Gbps EQ = 6dB Figure 14. Jitter vs. Input Cable Length (See Figure 4 for Test Setup) 50 0 02.4 DATA RATE (Gbps) 45 40 35 30 25 20 15 10 5 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 1080p 12-BIT 1.65Gbps 1080p 8-BIT 1080i/720p 480i 480p DJ (p-p) RJ (rms) Figure 15. Jitter vs. Data Rate 50 0 3.0 3.6 SUPPLY VOLTAGE (V) 45 40 35 30 25 20 15 10 5 3.1 3.2 3.3 3.4 3.5 RJ (rms) DJ (p-p) Figure 16. Jitter vs. Supply Voltage 0.5 0.6 0 020 HDMI CABLE LENGTH (m) 0.4 0.3 0.2 0.1 2m CABLE = 30AWG 5m TO 20m CABLES = 24AWG 510 15 1.65Gbps, PE MAX 2.25Gbps, PE MAX 1.65Gbps, PE OFF 2.25Gbps, PE OFF 1200 0 0 DATA RATE (Gbps) Figure 17. Jitter vs. Output Cable Length (See Figure 9 for Test Setup) 1000 800 600 400 200 2.4 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 Figure 18. Eye Height vs. Data Rate 800 0 2.5 3.6 SUPPLY VOLTAGE (V) 700 600 500 400 300 200 100 2.62.7 2.82.93.03.13.2 3.33.43.5 Figure 19. Eye Height vs. Supply Voltage |
유사한 부품 번호 - AD8197A_15 |
|
유사한 설명 - AD8197A_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |