전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8225 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8225
상세설명  Precision Gain of 5 Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8225 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8225_15 Datasheet HTML 7Page - Analog Devices AD8225_15 Datasheet HTML 8Page - Analog Devices AD8225_15 Datasheet HTML 9Page - Analog Devices AD8225_15 Datasheet HTML 10Page - Analog Devices AD8225_15 Datasheet HTML 11Page - Analog Devices AD8225_15 Datasheet HTML 12Page - Analog Devices AD8225_15 Datasheet HTML 13Page - Analog Devices AD8225_15 Datasheet HTML 14Page - Analog Devices AD8225_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
AD8225
–11–
VB
+VS
A1
A2
C2
R2
–IN
Q2
C1
R1
+IN
Q1
3k
3k
15k
15k
VREF
A3
+VS
–VS
+VS
–VS
+VS
–VS
OUT
+VS
–VS
Figure 3. Simplified Schematic
THEORY OF OPERATION
The AD8225 is a monolithic, three op amp instrumentation
amplifier. Laser wafer trimming and proprietary circuit tech-
niques enable the AD8225 to boast the lowest output offset
voltage and drift of any currently available in amp (150
µV
RTI), as well as a higher common-mode voltage range.
Referring to Figure 3, the input buffers consist of super-beta
NPN transistors Q1 and Q2, and op amps A1 and A2. The
transistors are compensated so that the bias currents are
extremely low, typically 100 pA or less. As a result, current noise
is also low, at 50 fA/
√Hz. The unity gain input buffers drive a
gain-of-five difference amplifier. Because the 3 k
Ω and 15 kΩ
resistors are ratio matched, gain stability is better than 5 ppm/
°C
over the rated temperature range.
The AD8225 also has five times the gain bandwidth of a typical
in amp. This wider GBW results from compensation at a fixed
gain of 5, which can be one fifth of that required if the amplifier
were compensated for unity gain.
High frequency performance is also enhanced by the innovative
pinout of the AD8225. Since Pins 1 and 8 are uncommitted,
Pin 1 may be connected to Pin 4. Since Pin 4 is also ac com-
mon, the stray capacitance at Pins 2 and 3 is balanced.
8
7
6
5
NC
+VS
VOUT
REF
AD8225
+IN
–IN
AC
GROUND
AC
GROUND
PIN 1 HAS NO INTERNAL CONNECTION
Figure 4. Pinout for Symmetrical Input Stray Capacitance
APPLICATIONS
Precision V-to-I Converter
When small analog voltages are transmitted across significant
distances, errors may develop due to ambient electrical noise,
stray capacitance, or series impedance effects. If the desired
voltage is converted to a current, however, the effects of ambient
noise are mitigated. All that is required is a voltage to current
conversion at the source, and an I-to-V conversion at the other
end to reverse the process.
Figure 5 illustrates how the AD8225 may be used as the trans-
mitter and receiver in a current loop system. The full-scale
output is 5 mA.
AD8225
2
3
5
6
47pF
9k
RSH
20
VSH
IOUT
AD8225
2
3
5
6
8
GND OR
REF V
1k
FULL SCALE
CURRENT = 5mA
eOUT
200mV
pk
FS
eIN
200mV
pk FS
IOUT
=
VSH
RSH
0.5 eIN
RSH
=
OP27
Figure 5. Precision Voltage-to-Current Converter
As noted in Figure 5, an additional op amp and four resistors are
required to complete the converter. The precision gain of 5 in the
AD8225s, used in the transmit and receive sections, preserves
the integrity of the desired signal, while the high frequency
common-mode performance at the receiver rejects noise on the
transmission line. The reference of the receiver may be connected
to local ground or the reference pin of an A/D converter (ADC).
Figure 6 shows bench measurements of the input and output
voltages, and output current of the circuit of Figure 5. The
transmission media is 10 feet of insulated hook-up wire for the
current drive and return lines.
e
IN
e
OUT
IOUT
CH 1 = 100mV, CH 2 = 100mV, CH 3 = 10mA,
H = 200 s
e
IN = 398mV p-p, eOUT = 398mV p-p,
IOUT = 10.3mA p-p
1
2
3
Figure 6. V-to-I Converter Waveforms (CH1: VIN,
CH2: VOUT, CH3: IOUT)


유사한 부품 번호 - AD8225_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8225 AD-AD8225_16 Datasheet
364Kb / 17P
   Precision Gain of 5 Instrumentation Amplifier
More results

유사한 설명 - AD8225_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8225 AD-AD8225_16 Datasheet
364Kb / 17P
   Precision Gain of 5 Instrumentation Amplifier
AD8225 AD-AD8225 Datasheet
372Kb / 16P
   Precision Gain of 5 Instrumentation Amplifier
REV. A
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
logo
Linear Technology
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com