전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1815-L 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SC1815-L
상세설명  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC1815-L 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC1815-L Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC1815-L Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
1
SMD Type
Transistors
NPN Transistors
2SC1815
Features
Power dissipation
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
e
s
a
B
o
t
r
o
t
c
e
ll
o
C
CBO
60
V
V
e
g
a
tl
o
V
r
e
tt
i
m
E
o
t
r
o
t
c
e
ll
o
C
CEO
50
V
V
e
g
a
tl
o
V
e
s
a
B
o
t
r
e
tt
i
m
E
EBO
5
V
I
s
u
o
u
n
it
n
o
C
o
t
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
C
150
mA
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
C
200
mW
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
j
125
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
-55 to 125
hFE Classification
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditions
Min
Typ
Max
Unit
Collector to base breakdown voltage
VCBO
Ic= 100 A, IE=0
60
V
Collector to emitter breakdown voltage
VCEO
Ic= 0.1mA, IB
V
0
5
0
=
Collector cut to off current
ICBO
VCB=60V, IE
1
.
0
0
=
A
Collector cut to off current
ICEO
VCE=40V, IB
1
0
=
A
Emitter cut to off current
IEBO
VEB= 5V, IC
1
.
0
0
=
A
h
n
i
a
g
t
n
e
r
r
u
c
C
D
FE
VCE= 6V, IC
0
0
4
0
3
1
A
m
2
=
Collector to emitter saturation voltage
VCE(sat)
IC=100 mA, IB
V
5
2
.
0
A
m
0
1
=
Base to emitter saturation voltage
VBE(sat)
IC=100 mA, IB
V
1
A
m
0
1
=
f
y
c
n
e
u
q
e
rf
n
o
it
i
s
n
a
r
T
T
VCE=10V, IC
z
H
M
0
8
z
H
M
0
3
=
f,
A
m
1
=
Type
2SC1815-L
2SC1815-H
Range
130-200
200-400
Marking
HFL
HF
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01


유사한 부품 번호 - 2SC1815-L

제조업체부품명데이터시트상세설명
logo
DONGGUAN YOU FENG WEI E...
2SC1815-L YFWDIODE-2SC1815-L Datasheet
555Kb / 3P
   NPN Transistors
logo
Guangdong Kexin Industr...
2SC1815-L-HF KEXIN-2SC1815-L-HF Datasheet
1Mb / 2P
   NPN Transistors
More results

유사한 설명 - 2SC1815-L

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com