전자부품 데이터시트 검색엔진 |
|
2SC3439-J 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
2SC3439-J 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
1 / 3 page SMD Type www.kexin.com.cn 1 Transistors NPN Transistors 2SC3439 ■ Features ● High hFE : hFE=400 to 1800 ● High collector current ● Low collector to emitter saturation voltage ● High collector dissipation Pc=500mW ● Small package for mounting ● Complementary to 2SA1369 1.Base 2.Collector 3.Emitter 1.70 0.1 0.42 0.1 0.46 0.1 ■ Absolute Maximum Ratings Ta = 25℃ Parameter Symbol Rating Unit Collector - Base Voltage VCBO 30 Collector - Emitter Voltage VCEO 25 Emitter - Base Voltage VEBO 6 Collector Current - Continuous IC 1.5 Peak Collector Current ICM 3 Collector Power Dissipation PC 500 mW Junction Temperature TJ 150 Storage Temperature Range Tstg -55 to 150 V ℃ A ■ Electrical Characteristics Ta = 25℃ Parameter Symbol Test Conditions Min Typ Max Unit Collector- base breakdown voltage VCBO Ic= 100uA, IE= 0 30 Collector- emitter breakdown voltage VCEO Ic= 1mA, RBE= ∞ 25 Emitter - base breakdown voltage VEBO IE= 100uA, IC= 0 6 Collector-base cut-off current ICBO VCB= 20V , IE= 0 0.1 Emitter cut-off current IEBO VEB= 4V , IC=0 0.1 Collector-emitter saturation voltage VCE(sat) IC=1A, IB=20mA 0.2 0.5 Base - emitter saturation voltage VBE(sat) IC=1A, IB=20mA 1.2 DC current gain hFE VCE= 6V, IC= 500mA 400 1800 Collector output capacitance Cob VCB= 10V, IE= 0,f=1MHz 17 pF Transition frequency fT VCE= 10V, IC= 10mA 130 MHz V uA V ■ Classification of hfe Type 2SC3439-G 2SC3439-H 2SC3439-J Range 400-800 600-1200 900-1800 Marking HG HH HJ |
유사한 부품 번호 - 2SC3439-J |
|
유사한 설명 - 2SC3439-J |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |