전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8324 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8324
상세설명  3.3 V Upstream Cable Line Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8324 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8324_15 Datasheet HTML 7Page - Analog Devices AD8324_15 Datasheet HTML 8Page - Analog Devices AD8324_15 Datasheet HTML 9Page - Analog Devices AD8324_15 Datasheet HTML 10Page - Analog Devices AD8324_15 Datasheet HTML 11Page - Analog Devices AD8324_15 Datasheet HTML 12Page - Analog Devices AD8324_15 Datasheet HTML 13Page - Analog Devices AD8324_15 Datasheet HTML 14Page - Analog Devices AD8324_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8324
Rev. B | Page 11 of 16
TEST CIRCUIT
Figure 22. Typical Characterization Circuit
AD8324
GND
BYP
3.3V
1:1
10µF
39.5Ω
75Ω
18.7Ω
18.7Ω
0.1µF
0.1µF
0.1µF
VIN+
1/2 VIN
1/2 VIN
VCC
RL
VIN–
VOUT+
VOUT–


유사한 부품 번호 - AD8324_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8324ACP AD-AD8324ACP Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8324ACP AD-AD8324ACP Datasheet
420Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. A
AD8324ACP-EVAL AD-AD8324ACP-EVAL Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8324ACP-EVAL AD-AD8324ACP-EVAL Datasheet
420Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. A
AD8324ACP-REEL7 AD-AD8324ACP-REEL7 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
More results

유사한 설명 - AD8324_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8324 AD-AD8324_05 Datasheet
420Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. A
AD8324 AD-AD8324 Datasheet
516Kb / 16P
   3.3 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_05 Datasheet
675Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
AD8328 AD-AD8328_15 Datasheet
538Kb / 20P
   5 V Upstream Cable Line Driver
REV. A
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
ON Semiconductor
MC10EP116 ONSEMI-MC10EP116_06 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com