전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8339 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8339
상세설명  DC to 50 MHz, Quad I/Q Demodulator and Phase Shifter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8339 데이터시트(HTML) 3 Page - Analog Devices

  AD8339_15 Datasheet HTML 1Page - Analog Devices AD8339_15 Datasheet HTML 2Page - Analog Devices AD8339_15 Datasheet HTML 3Page - Analog Devices AD8339_15 Datasheet HTML 4Page - Analog Devices AD8339_15 Datasheet HTML 5Page - Analog Devices AD8339_15 Datasheet HTML 6Page - Analog Devices AD8339_15 Datasheet HTML 7Page - Analog Devices AD8339_15 Datasheet HTML 8Page - Analog Devices AD8339_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
AD8339
Rev. B | Page 3 of 36
SPECIFICATIONS
VS = ±5 V, TA = 25°C, 4fLO = 20 MHz, fRF = 5.01 MHz, fBB = 10 kHz, PLO ≥ 0 dBm, per channel performance, dBm (50 Ω), unless otherwise
noted. Single-channel AD8021 LPF values: RFILT = 787 Ω and CFILT = 2.2 nF (see Figure 53).
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OPERATING CONDITIONS
Local Oscillator (LO) Frequency
Range
4× internal LO at Pin 4LOP and Pin 4LON, square wave
drive via LVDS (see Figure 64)
0.01
200
MHz
RF Frequency Range
Mixing
DC
50
MHz
Baseband Bandwidth
Limited by external filtering
DC
50
MHz
LO Input Level
0
13
dBm
Supply Voltage (VS)
±4.5
±5.0
±5.5
V
Temperature Range
−40
+85
°C
DEMODULATOR PERFORMANCE
Input Impedance
RF, differential
25||10
kΩ||pF
LO, differential
100||4
kΩ||pF
Transconductance
Demodulated IOUT/VIN; each Ix or Qx output after low-pass
filtering measured from RF inputs, all phases
1.15
mS
Dynamic Range
IP1dB − input referred noise (dBm)
160
dB/Hz
Maximum Input Swing
Differential; inputs biased at 2.5 V; Pin RFxP, Pin RFxN
2.8
V p-p
Peak Output Current (No Filtering)
0° phase shift
±2.4
mA
45° phase shift
±3.1
mA
Input P1dB
Ref = 50 Ω
14.8
dBm
Ref = 1 V rms
1.85
dBV
Third-Order Intermodulation (IM3)
fRF1 = 5.010 MHz, fRF2 = 5.015 MHz, fLO = 5.023 MHz
Equal Input Levels
Baseband tones: 0 dBm @ 8 kHz and 13 kHz
−60
dBc
Unequal Input Levels
Baseband tones: −1 dBm @ 8 kHz and −31 dBm @ 13 kHz
−66
dBc
Third-Order Input Intercept (IIP3)
fRF1 = 5.010 MHz, fRF2 = 5.015 MHz, fLO = 5.023 MHz
31
dBm
LO Leakage
Measured at RF inputs, worst phase, measured into 50 Ω
−118
dBm
Measured at baseband outputs, worst phase, AD8021
disabled, measured into 50 Ω
−68
dBm
Conversion Gain
All codes, see Figure 42
−1.3
dB
Input Referred Noise
Output noise/conversion gain (see Figure 47)
11.8
nV/√Hz
Output Current Noise
Output noise/RFILT
12.9
pA/√Hz
Noise Figure
With AD8334 LNA
RS = 50 Ω, RFB = ∞
8.4
dB
RS = 50 Ω, RFB = 1.1 kΩ
9.1
dB
RS = 50 Ω, RFB = 274 Ω
11.5
dB
Bias Current
Pin 4LOP and Pin 4LON
−3
μA
Pin RFxP and Pin RFxN
−45
μA
LO Common-Mode Range
Pin 4LOP and Pin 4LON (each pin)
0.2
3.8
V
RF Common-Mode Voltage
For maximum differential swing; Pin RFxP and Pin RFxN
(dc-coupled to AD8334 LNA output)
2.5
V
Output Compliance Range
Pin IxOP and Pin QxOP
−1.5
+0.7
V
PHASE ROTATION PERFORMANCE
One channel is reference; others are stepped
Phase Increment
16 phase steps per channel
22.5
Degrees
Quadrature Phase Error
Ix to Qx; all phases, 1σ
−2
±1
+2
Degrees
I/Q Amplitude Imbalance
Ix to Qx; all phases, 1σ
±0.05
dB
Channel-to-Channel Matching
Phase match I-to-I and Q-to-Q; −40°C < TA < +85°C
±1
Degrees
Amplitude match I-to-I and Q-to-Q; −40°C < TA < +85°C
±0.1
dB


유사한 부품 번호 - AD8339_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8339 AD-AD8339 Datasheet
237Kb / 15P
   Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
More results

유사한 설명 - AD8339_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8333 AD-AD8333_15 Datasheet
1Mb / 32P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
Rev. E
AD8333 AD-AD8333 Datasheet
769Kb / 28P
   DC to 50 MHz, Dual I/Q Demodulator and Phase Shifter
REV. A
AD8339 AD-AD8339 Datasheet
237Kb / 15P
   Quad I/Q Demodulator And Phase Shifter
Rev. PrA - 12/19/06
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Tyco Electronics
MA4IQP190H-1291T MACOM-MA4IQP190H-1291T Datasheet
370Kb / 6P
   I/Q Modulator/Demodulator 1800-2000 MHz
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
EKIN2-70D MACOM-EKIN2-70D_1 Datasheet
62Kb / 2P
   E-Series I/Q Demodulator 70 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com