전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8348 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8348
상세설명  50 MHz to 1000 MHz Quadrature Demodulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8348 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8348_15 Datasheet HTML 5Page - Analog Devices AD8348_15 Datasheet HTML 6Page - Analog Devices AD8348_15 Datasheet HTML 7Page - Analog Devices AD8348_15 Datasheet HTML 8Page - Analog Devices AD8348_15 Datasheet HTML 9Page - Analog Devices AD8348_15 Datasheet HTML 10Page - Analog Devices AD8348_15 Datasheet HTML 11Page - Analog Devices AD8348_15 Datasheet HTML 12Page - Analog Devices AD8348_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8348
Rev. A | Page 9 of 28
EQUIVALENT CIRCUITS
LOIN
LOIP
COM1
VPOS1
Figure 3. Circuit A
VCMO
VPOS3
IOPP, IOPN,
QOPP, QOPN
COM3
Figure 4. Circuit B
VCMO
VPOS3
COM3
Figure 5. Circuit C
IAIN, QAIN, VGIN,
ENBL, ENVG
VPOS3
COM3
Figure 6. Circuit D
VPOS2
COM3
IFIP
IFIN
Figure 7. Circuit E
IOFS,
QOFS
VPOS3
COM3
50µA
MAX
Figure 8. Circuit F


유사한 부품 번호 - AD8348_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8348-EVAL AD-AD8348-EVAL Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348XXX AD-AD8348XXX Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
More results

유사한 설명 - AD8348_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348 AD-AD8348 Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
   1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
   1000-MHz Quadrature Demodulator
U2794B ATMEL-U2794B Datasheet
290Kb / 15P
   1000 MHZ QUADRATURE DEMODULATOR
logo
TEMIC Semiconductors
U2794B TEMIC-U2794B Datasheet
258Kb / 11P
   1000 MHz Quadrature Demodulator
logo
Analog Devices
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
   50 MHz to 2 GHz Quadrature Demodulator
REV. 0
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com