전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8375 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8375
상세설명  Ultralow Distortion IF VGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8375 데이터시트(HTML) 1 Page - Analog Devices

  AD8375_15 Datasheet HTML 1Page - Analog Devices AD8375_15 Datasheet HTML 2Page - Analog Devices AD8375_15 Datasheet HTML 3Page - Analog Devices AD8375_15 Datasheet HTML 4Page - Analog Devices AD8375_15 Datasheet HTML 5Page - Analog Devices AD8375_15 Datasheet HTML 6Page - Analog Devices AD8375_15 Datasheet HTML 7Page - Analog Devices AD8375_15 Datasheet HTML 8Page - Analog Devices AD8375_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultralow Distortion IF VGA
Data Sheet
AD8375
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license isgranted by implication or otherwise under any patent or patent rightsofAnalog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Bandwidth of 630 MHz (−3 dB)
Gain range: −4 dB to +20 dB
Step size: 1 dB ± 0.2 dB
Differential input and output
Noise figure: 8 dB @ maximum gain
Output IP3 of ~50 dBm at 200 MHz
Output P1dB of 19 dBm at 200 MHz
Provides constant SFDR vs. gain
Parallel 5-bit control interface
Power-down feature
Single 5 V supply operation
24-lead, 4 mm × 4 mm LFCSP
APPLICATIONS
Differential ADC drivers
High IF sampling receivers
Wideband multichannel receivers
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
A2
A3
A4
A1
A0
POST-AMP
α
REGISTERS
AND
GAIN DECODER
VPOS
COMM
AD8375
VCOM
VIN+
VIN–
PWUP
OUT+
OUT+
OUT–
OUT–
Figure 1.
GENERAL DESCRIPTION
The AD8375 is a digitally controlled, variable gain, wide
bandwidth amplifier that provides precise gain control, high
IP3, and low noise figure. The excellent distortion performance
and high signal bandwidth make the AD8375 an excellent gain
control device for a variety of receiver applications.
Using an advanced high speed SiGe process and incorporating
proprietary distortion cancellation techniques, the AD8375
achieves 50 dBm output IP3 at 200 MHz.
The AD8375 provides a broad 24 dB gain range with 1 dB
resolution. The gain is adjusted through a 5-pin control interface
and can be driven using standard TTL levels. The open-collector
outputs provide a flexible interface, allowing the overall signal
gain to be set by the loading impedance. Thus, the signal
voltage gain is directly proportional to the load.
The AD8375 is powered on by applying the appropriate logic
level to the PWUP pin. The quiescent current of the AD8375 is
typically 130 mA. When powered down, the AD8375 consumes
less than 5 mA and offers excellent input-to-output isolation.
Fabricated on an Analog Devices, Inc., high speed SiGe process,
the AD8375 is supplied in a compact, thermally enhanced,
4 mm × 4 mm, 24-lead LFCSP package and operates over the
temperature range of −40°C to +85°C.
–40
–60
–50
–70
–90
–80
–100
–110
65
55
60
50
40
45
35
30
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
OIP3
HD2
HD3
Figure 2. Harmonic Distortion and Output IP3 vs. Frequency


유사한 부품 번호 - AD8375_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8375 AD-AD8375_1 Datasheet
792Kb / 24P
   Ultralow Distortion IF VGA
REV. 0
AD8375 AD-AD8375_17 Datasheet
735Kb / 24P
   Ultralow Distortion IF VGA
More results

유사한 설명 - AD8375_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8375 AD-AD8375_1 Datasheet
792Kb / 24P
   Ultralow Distortion IF VGA
REV. 0
AD8375 AD-AD8375_17 Datasheet
735Kb / 24P
   Ultralow Distortion IF VGA
AD8376 AD-AD8376_1 Datasheet
935Kb / 24P
   Ultralow Distortion IF Dual VGA
REV. A
AD8376 AD-AD8376_13 Datasheet
1Mb / 24P
   Ultralow Distortion IF Dual VGA
AD8376 AD-AD8376 Datasheet
620Kb / 12P
   Ultra Low Distortion IF Dual VGA
Rev. PrD March 13, 2007
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com