전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8383 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8383
상세설명  Low Cost 10-Bit, 6-Channel Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8383 데이터시트(HTML) 3 Page - Analog Devices

  AD8383_15 Datasheet HTML 1Page - Analog Devices AD8383_15 Datasheet HTML 2Page - Analog Devices AD8383_15 Datasheet HTML 3Page - Analog Devices AD8383_15 Datasheet HTML 4Page - Analog Devices AD8383_15 Datasheet HTML 5Page - Analog Devices AD8383_15 Datasheet HTML 6Page - Analog Devices AD8383_15 Datasheet HTML 7Page - Analog Devices AD8383_15 Datasheet HTML 8Page - Analog Devices AD8383_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8383
Rev. 0 | Page 3 of 16
SPECIFICATIONS
Table 1. @25°C, AVCC = 15.5 V, DVCC = 3.3 V, TMIN = 0°C, TMAX = 75°C, VFS = 5 V, VREFLO = V1 = V2 = 7 V,
unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Unit
VIDEO DC PERFORMANCE1
TMIN to TMAX, DAC Code 450 to 800
VDE
–7.5
+7.5
mV
VCME
–3.5
+3.5
mV
REFERENCE INPUTS
V1, V2 Range
5
AVCC – 4
V
V2 to V1 Range
–0.25
V
V1 Input Current
+0.2
µA
V2 Input Current
–7.5
µA
VREFHI Range
VREFHI ≥ VREFLO
VREFLO
AVCC
V
VREFLO Range
VREFHI ≥ VREFLO
V1 – 0.5
AVCC – 1.3
V
VREFHI Input Resistance
To VREFLO
20
kΩ
VREFLO Bias Current
–0.2
µA
VREFHI Input Current
125
µA
VFS Range2
0
5.5
V
RESOLUTION
Coding
Binary
10
Bits
DIGITAL INPUT CHARACTERISTICS
Maximum Input Data Update Rate3
100
Ms/s
CLK to Data Setup Time
0
ns
CLK to STSQ Setup Time
1
ns
CLK to XFR Setup Time
1
ns
CLK to Data Hold Time
3
ns
CLK to STSQ Hold Time
3
ns
CLK to XFR Hold Time
3
ns
CLK High Time
3
ns
CLK Low Time
2.5
ns
CIN
3
pF
IIH
0.05
µA
IIL
0.6
µA
IIL, CLK
1.2
µA
VIH
2
V
VIL
0.8
V
VTH
1.5
V
VIDEO OUTPUT CHARACTERISTICS
Output Voltage Swing
AVCC – VOH, VOL – AGND
1.1
1.3
V
CLK to VID Delay4
50% of VIDx
10.0
12.0
14.0
ns
INV to VID Delay
50% of VIDx
10.4
12.4
14.4
ns
Output Current
100
mA
Output Resistance
22
1 VDE = Differential Error Voltage = Common-Mode Error Voltage. See
section.
Theory of Operation
2 VFS = 2 × (VREFHI – VREFLO).
3 Maximum input transition time (10% to 90%) = 0.8/(2f) where f is the operating CLK rate.
4 Measured from 50% of falling CLK edge to 50% of output change. Measurement is made for both states of INV.


유사한 부품 번호 - AD8383_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8383ACPZ AD-AD8383ACPZ Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
More results

유사한 설명 - AD8383_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
AD561JNZ AD-AD561JNZ Datasheet
213Kb / 8P
   Low Cost 10-Bit Low Cost 10-Bit
REV. A
logo
ECS, Inc.
ECS-100X ECS-ECS-100X_14 Datasheet
183Kb / 2P
   10 TTL output load Low cost
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD7533 AD-AD7533_15 Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD7533JNZ AD-AD7533JNZ Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD561 AD-AD561_15 Datasheet
213Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561_17 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com