전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8385 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8385
상세설명  10-Bit, 12-Channel Decimating
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8385 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8385_15 Datasheet HTML 7Page - Analog Devices AD8385_15 Datasheet HTML 8Page - Analog Devices AD8385_15 Datasheet HTML 9Page - Analog Devices AD8385_15 Datasheet HTML 10Page - Analog Devices AD8385_15 Datasheet HTML 11Page - Analog Devices AD8385_15 Datasheet HTML 12Page - Analog Devices AD8385_15 Datasheet HTML 13Page - Analog Devices AD8385_15 Datasheet HTML 14Page - Analog Devices AD8385_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8385
Rev. 0 | Page 11 of 24
BLOCK DIAGRAMS AND TIMING DIAGRAMS
DECDRIVER SECTION
VRH VRL
VID4
VID6
VID8
VID10
VID2
VID0
AD8385
BYP
R/L
CLK
STSQ
XFR
INV
V1
V2
DB(0:9)
SCALING
CONTROL
SEQUENCE
INV CONTROL
CONTROL
BIAS
2-STAGE
2-STAGE
2-STAGE
2-STAGE
2-STAGE
2-STAGE
LATCH
LATCH
LATCH
LATCH
LATCH
LATCH
DAC
DAC
DAC
DAC
DAC
DAC
10
10
10
10
10
10
10
10
10
10
VID3
VID5
VID7
VID9
VID1
2-STAGE
2-STAGE
2-STAGE
2-STAGE
2-STAGE
LATCH
LATCH
LATCH
LATCH
LATCH
DAC
DAC
DAC
DAC
DAC
10
10
10
10
10
10
10
10
VID11
2-STAGE
LATCH
DAC
10
10
10
10
10
10
10
10
Figure 4. Block Diagram


유사한 부품 번호 - AD8385_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8385ASVZ AD-AD8385ASVZ Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
More results

유사한 설명 - AD8385_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8383 AD-AD8383 Datasheet
376Kb / 16P
   Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
REV. 0
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
   12/16-bit Half-Band Interpolating/ Decimating Digital Filter
logo
Analog Devices
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
logo
Cadeka Microcircuits LL...
TMC2242A CADEKA-TMC2242A Datasheet
190Kb / 16P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
logo
Fairchild Semiconductor
TMC2242C FAIRCHILD-TMC2242C Datasheet
236Kb / 13P
   Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com