전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8391 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8391
상세설명  xDSL Line Driver 3 V to 12 V with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8391 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8391_15 Datasheet HTML 5Page - Analog Devices AD8391_15 Datasheet HTML 6Page - Analog Devices AD8391_15 Datasheet HTML 7Page - Analog Devices AD8391_15 Datasheet HTML 8Page - Analog Devices AD8391_15 Datasheet HTML 9Page - Analog Devices AD8391_15 Datasheet HTML 10Page - Analog Devices AD8391_15 Datasheet HTML 11Page - Analog Devices AD8391_15 Datasheet HTML 12Page - Analog Devices AD8391_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. A
AD8391
–9–
PEAK OUTPUT CURRENT – mA
–30
–40
–110
25
650
150
275
400
525
–70
–80
–90
–100
–50
–60
VS = 6V
G = –5, (RG = 178 )
HD2 (FO = 500kHz)
HD3 (FO = 500kHz)
HD2 (FO = 100kHz)
HD3 (FO = 100kHz)
TPC 25. Single-Ended Distortion vs. Peak
Output Current
TIME – ns (100ns/DIV)
0V
0V
VOUT
VIN
VS = 6V
G = –5
VOUT = 2V/DIV
VIN = 1V/DIV
RL = 10
TPC 26. Overload Recovery
PEAK OUTPUT CURRENT – mA
–30
–40
–110
25
275
75
125
175
225
–70
–80
–90
–100
–50
–60
G = –5, (RG = 178 )
HD3 (FO = 500kHz)
HD2 (FO = 100kHz)
HD3 (FO = 100kHz)
HD2 (FO = 500kHz)
VS = 1.5V
TPC 27. Single-Ended Distortion vs. Peak
Output Current
TIME – ns (100ns/DIV)
0V
0V
VOUT
VIN
VS = 1.5V
G = –5
VOUT = 500mV/DIV
VIN = 500mV/DIV
RL = 10
TPC 28. Overload Recovery


유사한 부품 번호 - AD8391_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8391AR AD-AD8391AR Datasheet
278Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. 0
AD8391AR-EVAL AD-AD8391AR-EVAL Datasheet
278Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. 0
AD8391AR-REEL AD-AD8391AR-REEL Datasheet
278Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. 0
AD8391AR-REEL7 AD-AD8391AR-REEL7 Datasheet
278Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. 0
More results

유사한 설명 - AD8391_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8391 AD-AD8391 Datasheet
278Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. 0
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Texas Instruments
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com