전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8397 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8397
상세설명  Rail-to-Rail, High Output Current Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8397 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD8397_15 Datasheet HTML 3Page - Analog Devices AD8397_15 Datasheet HTML 4Page - Analog Devices AD8397_15 Datasheet HTML 5Page - Analog Devices AD8397_15 Datasheet HTML 6Page - Analog Devices AD8397_15 Datasheet HTML 7Page - Analog Devices AD8397_15 Datasheet HTML 8Page - Analog Devices AD8397_15 Datasheet HTML 9Page - Analog Devices AD8397_15 Datasheet HTML 10Page - Analog Devices AD8397_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8397
Rev. A | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
26.4 V
Power Dissipation1
See Figure 4
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 Thermal resistance for standard JEDEC 4-layer board:
8-lead SOIC_N: θJA = 157.6°C/W
8-Lead SOIC_N_EP: θJA = 47.2°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be dissipated safely by the AD8397
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150°C. Temporarily exceeding this limit
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package.
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–40 –30 –20 –10
0
1020
3040506070
8090
AMBIENT TEMPERATURE (°C)
TJ = 150°C
8-LEAD SOIC
Figure 4. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION


유사한 부품 번호 - AD8397_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8397ARDZ AD-AD8397ARDZ Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
AD8397ARDZ-REEL AD-AD8397ARDZ-REEL Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
AD8397ARDZ-REEL7 AD-AD8397ARDZ-REEL7 Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
AD8397ARZ AD-AD8397ARZ Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
AD8397ARZ-REEL AD-AD8397ARZ-REEL Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
More results

유사한 설명 - AD8397_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8397 AD-AD8397 Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
   Rail-to-rail, high output current dual operational amplifier
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
   Rail-to-rail high output current dual operational amplifier
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
   Rail-to-rail High Output Current Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com