전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8401 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8401
상세설명  8-Bit, 4-Channel Data Acquisition System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8401 데이터시트(HTML) 1 Page - Analog Devices

  AD8401_15 Datasheet HTML 1Page - Analog Devices AD8401_15 Datasheet HTML 2Page - Analog Devices AD8401_15 Datasheet HTML 3Page - Analog Devices AD8401_15 Datasheet HTML 4Page - Analog Devices AD8401_15 Datasheet HTML 5Page - Analog Devices AD8401_15 Datasheet HTML 6Page - Analog Devices AD8401_15 Datasheet HTML 7Page - Analog Devices AD8401_15 Datasheet HTML 8Page - Analog Devices AD8401_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
8-Bit, 4-Channel Data
Acquisition System
AD8401
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
V
OUT
DGND
AG
DAC
AG
ADC
DATA I/O
(8 BITS)
M
U
X
T/H
8-BIT ADC
1.25 REF
8-BIT
DAC
RS
INT
BUSY
ST
DAC REG
ADC REG
CONTROL LOGIC
A0 A1
V
DD (+5.0V)
RD
WR
CLK
CS
AD8401
V
A
IN
V
B
IN
V
C
IN
V
D
IN
FEATURES
2
s ADC with T/H
4-Channel MUX
AD899 Compatible
+5 Volt Operation
On-Chip Reference
4
s Voltage Output DAC
Fast Bus Access Time—75 ns
APPLICATIONS
Servo Controls
Digitally Controlled Calibration
Process Control Equipment
GENERAL DESCRIPTION
The AD8401 is a complete data acquisition and control system
containing ADC, DAC, 4-channel MUX, and internal voltage
reference. Built using CBCMOS, this monolithic circuit offers
the user a complete system with very high package density and
reliability.
The converter is a successive approximation ADC with T/H,
and is capable of operating with conversion times as short as
2
µs. Analog input bandwidth is 200 kHz, and DAC output volt-
age settling time is less than 4
µs, making the AD8401 capable
of controlling servo loops with speed and precision.
The 8-bit data interface provides both read and write operation
for parallel bus interfaces to microcontrollers and DSP proces-
sors. An external 5 MHz clock sets the 2
µs conversion rate.
Slower clocks reduce the conversion time and the internal power
dissipation. The standard control lines: Reset, Busy, Interrupt,
Read and Write complete the handshaking signals for micro-
processor communication. A start trigger ST input allows pre-
cise sampling intervals in synchronous sampling applications.
The input multiplexer addressing is designed for direct interface
to the AD899 hard-disk drive, read-channel device with no extra
hardware or special software. Analog input range levels are like-
wise compatible with the AD899.
The AD8401 is designed to operate from a single +5 volt sup-
ply, which will give an ADC input range of 0 V to 3.0 V, and
DAC output range of 0 V to 2.5 V.
The AD8401 is offered in the SOIC-28 surface mount package,
and is guaranteed to operate over the extended industrial tem-
perature range of –40
°C to +85°C.


유사한 부품 번호 - AD8401_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8401AR AD-AD8401AR Datasheet
225Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
AD8401CHIPS AD-AD8401CHIPS Datasheet
225Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
More results

유사한 설명 - AD8401_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8401 AD-AD8401 Datasheet
225Kb / 12P
   8-Bit, 4-Channel Data Acquisition System
REV. 0
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
   16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
   16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
logo
Maxim Integrated Produc...
MAX161 MAXIM-MAX161 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
logo
Analog Devices
AD974 AD-AD974_15 Datasheet
206Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD974 AD-AD974 Datasheet
202Kb / 20P
   4-Channel, 16-Bit, 200 kSPS Data Acquisition System
REV. A
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
   4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com