전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8560 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8560
상세설명  16 V Rail-to-Rail Buffer Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8560 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8560_15 Datasheet HTML 2Page - Analog Devices AD8560_15 Datasheet HTML 3Page - Analog Devices AD8560_15 Datasheet HTML 4Page - Analog Devices AD8560_15 Datasheet HTML 5Page - Analog Devices AD8560_15 Datasheet HTML 6Page - Analog Devices AD8560_15 Datasheet HTML 7Page - Analog Devices AD8560_15 Datasheet HTML 8Page - Analog Devices AD8560_15 Datasheet HTML 9Page - Analog Devices AD8560_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
–6–
AD8560
REV. 0
FREQUENCY – Hz
10
40
100k
100M
10M
1M
35
30
25
20
15
10
5
5
0
1k
10k
560
150
TA = 25 C
VS = 8V
VIN = 50mV rms
CL = 40pF
AV = 1
TPC 13. Frequency Response vs. Resistive Loading
FREQUENCY – Hz
25
100k
100M
10M
1M
25
20
15
10
5
20
0
1040pF
10
5
15
50pF
100pF
540pF
TA = 25 C
VS = 8V
VIN = 50mV rms
RL = 10k
AV = 1
TPC 14. Frequency Response vs. Capacitive Loading
FREQUENCY – Hz
100
10M
1k
10k
100k
1M
500
450
0
400
350
300
250
200
150
100
VS = 16V
VS = 4.5V
50
TPC 15. Closed-Loop Output Impedance vs. Frequency
FREQUENCY – Hz
10M
1M
100k
10k
1k
100
10
0
2
4
6
8
10
12
14
16
18
TA = 25 C
VS = 16V
AV = 1
RL = 10k
DISTORTION < 1%
TPC 16. Closed-Loop Output Swing vs. Frequency
FREQUENCY – Hz
100
10M
1k
10k
100k
1M
160
140
40
120
100
80
60
40
20
0
+PSRR
20
PSRR
TA = 25 C
VS = 16V
TPC 17. Power Supply Rejection Ratio vs. Frequency
FREQUENCY – Hz
100
10M
1k
10k
100k
1M
160
140
40
120
100
80
60
40
20
0
+PSRR
20
PSRR
TA = 25 C
VS = 4.5V
TPC 18. Power Supply Rejection Ratio vs. Frequency


유사한 부품 번호 - AD8560_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8560ACP AD-AD8560ACP Datasheet
208Kb / 12P
   16 V Rail-to-Rail Buffer Amplifier
REV. 0
More results

유사한 설명 - AD8560_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8560 AD-AD8560 Datasheet
208Kb / 12P
   16 V Rail-to-Rail Buffer Amplifier
REV. 0
AD8569 AD-AD8569_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8570 AD-AD8570_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8568 AD-AD8568 Datasheet
127Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. A
AD8568 AD-AD8568_15 Datasheet
140Kb / 12P
   16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
logo
Texas Instruments
BUF04701 TI-BUF04701 Datasheet
279Kb / 13P
[Old version datasheet]   4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com