전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-1520-KP000 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard)

부품명 HLMP-1520-KP000
상세설명  T-1 (3 mm) High Intensity LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1520-KP000 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-1520-KP000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1520-KP000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1520-KP000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1520-KP000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1520-KP000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1520-KP000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1520-KP000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1520-KP000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
T-1 Yellow Non-Diffused
Figure 10. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDCMAX
as per MAX Ratings).
Figure 11. Relative Luminous Intensity vs. Angular Displacement.
Figure 8. Relative Luminous Intensity
vs. Forward Current.
Figure 7. Forward Current vs.
Forward Voltage Characteristics.
Figure 9. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak Current.


유사한 부품 번호 - HLMP-1520-KP000

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-1520 QT-HLMP-1520 Datasheet
244Kb / 3P
   CLEAR LENS T-100 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1520 AVAGO-HLMP-1520 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
More results

유사한 설명 - HLMP-1520-KP000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com