전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8582 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD8582
상세설명  5 Volt, Parallel Input Complete Dual 12-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8582 데이터시트(HTML) 7 Page - Analog Devices

  AD8582_15 Datasheet HTML 1Page - Analog Devices AD8582_15 Datasheet HTML 2Page - Analog Devices AD8582_15 Datasheet HTML 3Page - Analog Devices AD8582_15 Datasheet HTML 4Page - Analog Devices AD8582_15 Datasheet HTML 5Page - Analog Devices AD8582_15 Datasheet HTML 6Page - Analog Devices AD8582_15 Datasheet HTML 7Page - Analog Devices AD8582_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
–7–
REV. 0
AD8582
0
5
VDD = +5V
TA = +25°C
TIME – 5µs/DIV
15µs
3
–1
125
0
–25
–50
1
2
100
75
50
25
0
TEMPERATURE –
°C
VDD = +4.75V
NO LOAD
SS = 298 UNITS
8
0
125
2
1
–25
–50
4
3
5
6
7
100
75
50
25
0
TEMPERATURE –
°C
VDATA = +2.4V
NO LOAD
VDD = +4.75V
VDD = +5.00V
VDD = +5.25V
0
10
30
20
40
–8
1
–5
0
–7
–6
TOTAL UNADJUSTED ERROR – mV
–4 –3 –2 –1
5
15
25
35
45
TUE =
ΣINL+ZS+FS
SS = 297 UNITS
V
DD
= +4.75V
T
A
= +25°C
100
1.0
0.1
10
100
100k
10k
1k
10
FREQUENCY – Hz
V
DD
= +5V
T
A
= +25°C
DATA = FFF
H
4.115
4.075
125
4.085
4.080
–25
–50
4.095
4.090
4.100
4.105
4.110
100
75
50
25
0
TEMPERATURE –
°C
VDD = +4.75V
NO LOAD
SS = 298 UNITS
AVG
σAVG +1σ
σAVG –1σ
HOURS OF OPERATION AT +150°C
3
–3
600
0
–2
100
–1
0
2
1
500
400
300
200
V
DD
= +5V
SS = 135 UNITS
DATA = FFF
H
AVG
σAVG +2σ
σAVG –2σ
VDD
VREF
0V
0V
TIME – 1µs/DIV
10
90
100
0%
2V
2V
1µs
T
A = +25°C
RL =
VDD = +5V
1
0
TIME – 5µs/DIV
10
90
100
0%
10mV
5V
5µs
CS = HIGH
Figure 16. Full-Scale Voltage vs.
Temperature
Figure 15. Total Unadjusted Error
Histogram
Figure 14. Output Voltage Fall
Time Detail
Figure 17. Zero-Scale Voltage vs.
Temperature
Figure 18. Output Voltage Noise
Density vs. Frequency
Figure 19. Long-Term Drift
Accelerated by Burn-In
Figure 21. Reference Startup vs.
Time
Figure 22. Digital Feedthrough vs.
Time
Figure 20. Supply Current vs.
Temperature


유사한 부품 번호 - AD8582_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8582AN AD-AD8582AN Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AN AD-AD8582AN Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AN AD-AD8582AN Datasheet
192Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AR AD-AD8582AR Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
More results

유사한 설명 - AD8582_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582 AD-AD8582 Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582ARZ AD-AD8582ARZ Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
DAC8562 AD-DAC8562 Datasheet
636Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
DAC8562FSZ AD-DAC8562FSZ Datasheet
639Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
DAC8562 AD-DAC8562_15 Datasheet
639Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
AD8522ARZ AD-AD8522ARZ Datasheet
244Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD8522 AD-AD8522 Datasheet
240Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD8300 AD-AD8300 Datasheet
245Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com