전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8591 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8591
상세설명  CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8591 데이터시트(HTML) 4 Page - Analog Devices

  AD8591_15 Datasheet HTML 1Page - Analog Devices AD8591_15 Datasheet HTML 2Page - Analog Devices AD8591_15 Datasheet HTML 3Page - Analog Devices AD8591_15 Datasheet HTML 4Page - Analog Devices AD8591_15 Datasheet HTML 5Page - Analog Devices AD8591_15 Datasheet HTML 6Page - Analog Devices AD8591_15 Datasheet HTML 7Page - Analog Devices AD8591_15 Datasheet HTML 8Page - Analog Devices AD8591_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8591/AD8592/AD8594
Rev. B | Page 4 of 16
VS = 5.0 V, VCM = 2.5 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
2
25
mV
−40°C < TA < +85°C
30
mV
Input Bias Current
IB
5
50
pA
−40°C < TA < +85°C
60
pA
Input Offset Current
IOS
1
25
pA
−40°C < TA < +85°C
30
pA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
38
47
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 4.5 V
15
30
V/mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +85°C
20
μV/°C
Bias Current Drift
ΔIB/ΔT
−40°C < TA < +85°C
50
fA/°C
Offset Current Drift
ΔIOS/ΔT
−40°C < TA < +85°C
20
fA/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 10 mA
4.9
4.94
V
−40°C to +85°C
4.85
V
Output Voltage Low
VOL
IL = 10 mA
50
100
mV
−40°C to +85°C
125
mV
Output Current
IOUT
±250
mA
Open-Loop Impedance
ZOUT
f = 1 MHz, AV = 1
40
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.5 V to 6 V
45
55
dB
Supply Current per Amplifier
ISY
VO = 0 V
1.25
mA
−40°C < TA < +85°C
1.75
mA
Supply Current Shutdown Mode
ISD
All amplifiers shut down
0.1
1
μA
−40°C < TA < +85°C
1
μA
ISD1
Amplifier 1 shut down (AD8592)
1.6
mA
ISD2
Amplifier 2 shut down (AD8592)
1.6
mA
SHUTDOWN INPUTS
Logic High Voltage
VINH
−40°C < TA < +85°C
2.4
V
Logic Low Voltage
VINL
−40°C < TA < +85°C
0.8
V
Logic Input Current
IIN
−40°C < TA < +85°C
1
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
5
V/μs
Full Power Bandwidth
BWP
1% distortion
325
kHz
Settling Time
tS
To 0.01%
1.6
μs
Gain Bandwidth Product
GBP
3
MHz
Phase Margin
Φo
70
Degrees
Channel Separation
CS
f = 1 kHz, RL = 10 kΩ
65
dB
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
45
nV/√Hz
f = 10 kHz
30
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
pA/√Hz


유사한 부품 번호 - AD8591_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8591ART AD-AD8591ART Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8591ART-REEL AD-AD8591ART-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591ARTZ AD-AD8591ARTZ Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8591ARTZ-REEL AD-AD8591ARTZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
More results

유사한 설명 - AD8591_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594 AD-AD8594 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com