전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1611-M4 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SA1611-M4
상세설명  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1611-M4 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1611-M4 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1611-M4 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1611
Typical Characterisitics
-0.1
-1
-10
-100
0
100
200
300
-1
-10
-100
-10
-100
-0.1
-1
-10
1
-1
-10
-100
200
0
25
50
75
100
125
150
0
50
100
150
200
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
-100
-1
-10
-100
-0.0
-0.4
-0.8
-1.2
-0
-2
-4
-6
-8
-10
-0
-1
-2
-3
-4
f
T
—— I
C
h
FE
——
COMMON EMITTER
V
CE=-6V
-3
-30
-0.3
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
-3
T
a=25
-30
-300
-30
-0.3
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=100
I
C
V
CEsat
——
-500
-3
20
10
3
-3
-0.3
-20
Cob
Cib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/IC=0
T
a=25
V
CB/ VEB
C
ob/ Cib
——
300
100
-3
-30
V
CE=-6V
T
a=25
COLLECTOR CURRENT I
C
(mA)
T
a
AMBIENT TEMPERATURE T
a
( )
P
C
——
V
BE
I
C
——
-30
-3
-0.3
T
a=25
T
a=100
COMMON EMITTER
V
CE=-6V
BASE-EMMITER VOLTAGE V
BE (V)
-0.5
-30
-0.2
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-20uA
-18uA
-16uA
-14uA
-12uA
-10uA
-8uA
-6uA
-4uA
I
B=-2uA
COMMON
EMITTER
T
a=25


유사한 부품 번호 - 2SA1611-M4

제조업체부품명데이터시트상세설명
logo
NEC
2SA1611 NEC-2SA1611 Datasheet
194Kb / 4P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
logo
Nanjing International G...
2SA1611 DGNJDZ-2SA1611 Datasheet
1Mb / 4P
   SOT-323 Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SA1611 TEL-2SA1611 Datasheet
128Kb / 2P
   Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SA1611 KEXIN-2SA1611 Datasheet
48Kb / 1P
   PNP Silicon Epitaxia
logo
SeCoS Halbleitertechnol...
2SA1611 SECOS-2SA1611 Datasheet
109Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
More results

유사한 설명 - 2SA1611-M4

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com