전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4168-GT4 데이터시트(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SC4168-GT4
상세설명  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4168-GT4 데이터시트(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4168-GT4 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4168-GT4 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC4168-GT4 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
2SC4168
Typical Characterisitics
0
0
1
0
1
0
.
1
2
3
5 7
2
3
5 7
2
3
2SC4168
IC / IB=10
0
1
0
.
1
2
3
5 7
2
3
5 7
2
3
100
VBE(sat)
VCE(sat)
1.0
7
5
3
2
3
2
7
5
3
2
0.1
VCE(sat), VBE(sat) -- IC
100
10
7
5
7
5
1000
7
5
3
2
3
2
SW Time -- IC
2SC4168
VCC=10V
IC=5IB1=--5IB2
tstg
tf
tr
td
Collector Current, IC –mA
Collector Current, IC –mA
Ambient Temperature, Ta -- C
0
240
200
120
80
160
40
20
0
6
0
40
80
100
140
120
160
PC -- Ta
2SC4168
3
100
2
2
5
7
1000
7
5
2SC4168
VCE=10V
7
7
2
5
2
2
3
5
3
0
1
0
.
1
7 100
fT -- IC
Collector Current, IC –mA
3
2
2
7
5
7
5
10
1.0
1.0
7
3
10
2
7
3
5
2
7
5
Cob -- VCB
2SC4168
f=1MHz
Collector-to-Base Voltage, VCB -- V


유사한 부품 번호 - 2SC4168-GT4

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC4168-GT4 KEXIN-2SC4168-GT4 Datasheet
1Mb / 3P
   NPN Transistors
2SC4168-GT4-HF KEXIN-2SC4168-GT4-HF Datasheet
1Mb / 3P
   NPN Transistors
More results

유사한 설명 - 2SC4168-GT4

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com