전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8643 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8643
상세설명  Low Power, Rail-to-Rail Output, Precision
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8643 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8643_15 Datasheet HTML 7Page - Analog Devices AD8643_15 Datasheet HTML 8Page - Analog Devices AD8643_15 Datasheet HTML 9Page - Analog Devices AD8643_15 Datasheet HTML 10Page - Analog Devices AD8643_15 Datasheet HTML 11Page - Analog Devices AD8643_15 Datasheet HTML 12Page - Analog Devices AD8643_15 Datasheet HTML 13Page - Analog Devices AD8643_15 Datasheet HTML 14Page - Analog Devices AD8643_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8641/AD8642/AD8643
Rev. E | Page 11 of 16
0
10
20
30
40
50
60
70
CAPACITANCE (pF)
1
100
10
1000
OS+
OS–
VS = ±2.5V
RL = 10kΩ
VIN = 100mV p-p
AV = +1
Figure 37. Small Signal Overshoot vs. Load Capacitance
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
CH1 1.00V
M1.00s
A CH1
–20.0V
1
VS = ±13V
G = +1M
CH1 p-p = 4.26V
Figure 38. 0.1 Hz to 10 Hz Noise
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–5
–4
–3
–2
–1
0
1
2
3
4
5
VCM (V)
CH1 1.00V
M1.00s
A CH1
–20.0V
1
VS = ±2.5V
G = +1M
CH1 p-p = 4.06V
Figure 39. 0.1 Hz to 10 Hz Noise
1
10
100
1k
FREQUENCY (Hz)
10
1k
100
10k
VSY = ±13V
Figure 40. Voltage Noise Density
1
10
100
1k
FREQUENCY (Hz)
10
1k
100
10k
VSY = 5V
Figure 41. Voltage Noise Density
0.000001
0.00001
0.0001
0.001
1k
100
12
FREQUENCY (Hz)
0.004
0k
1V p-p INPUT
2V p-p INPUT
4V p-p INPUT
8V p-p INPUT
VSY = ±13V
LOAD = 100k
Ω
GAIN = +1
10k
Figure 42. Total Harmonic Distortion + Noise vs. Frequency


유사한 부품 번호 - AD8643_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8643ACPZ-R2 AD-AD8643ACPZ-R2 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8643ACPZ-R2 AD-AD8643ACPZ-R2 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8643ACPZ-R2 AD-AD8643ACPZ-R2 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8643ACPZ-REEL AD-AD8643ACPZ-REEL Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8643ACPZ-REEL AD-AD8643ACPZ-REEL Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
More results

유사한 설명 - AD8643_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
logo
Analog Devices
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA140A-DIE TI1-OPA140A-DIE Datasheet
73Kb / 4P
[Old version datasheet]   HIGH-PRECISION, LOW-NOISE, RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com