전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8651 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8651
상세설명  50 MHz, Precision, Low Distortion
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8651 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8651_15 Datasheet HTML 6Page - Analog Devices AD8651_15 Datasheet HTML 7Page - Analog Devices AD8651_15 Datasheet HTML 8Page - Analog Devices AD8651_15 Datasheet HTML 9Page - Analog Devices AD8651_15 Datasheet HTML 10Page - Analog Devices AD8651_15 Datasheet HTML 11Page - Analog Devices AD8651_15 Datasheet HTML 12Page - Analog Devices AD8651_15 Datasheet HTML 13Page - Analog Devices AD8651_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8651/AD8652
Data Sheet
Rev. D | Page 10 of 20
VS = ±2.5V
VIN = 200mV
AV = 1
TIME (10µs/DIV)
Figure 29. Small Signal Response
0
30
25
20
15
10
5
CAPACITANCE (pF)
020
70
60
50
40
30
10
+OS
–OS
VS = ±2.5V
VIN = 200mV
AV = 1
Figure 30. Small Signal Overshoot vs. Load Capacitance
VS = ±2.5V
VIN = 200mV
GAIN = –15
TIME (200ns/DIV)
–200mV
2.5V
0V
0V
Figure 31. Negative Overload Recovery Time
VS = ±2.5V
VIN = 200mV
GAIN = –15
OUTPUT
INPUT
TIME (200ns/DIV)
0V
0V
200mV
–2.5V
Figure 32. Positive Overload Recovery Time
0
40
30
20
10
FREQUENCY (Hz)
10
1k
100k
10k
100
VS = ±2.5V
GAIN = 100
GAIN = 10
GAIN = 1
Figure 33. Output Impedance vs. Frequency
VOS (µV)
VS = ±1.35V
VCM = 0V
0
10
50
40
30
20
60
Figure 34. Input Offset Voltage Distribution


유사한 부품 번호 - AD8651_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8651AR AD-AD8651AR Datasheet
558Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. B
AD8651AR AD-AD8651AR Datasheet
484Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8651AR AD-AD8651AR Datasheet
994Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651AR AD-AD8651AR Datasheet
994Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651AR-REEL AD-AD8651AR-REEL Datasheet
558Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. B
More results

유사한 설명 - AD8651_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8652 AD-AD8652_15 Datasheet
467Kb / 20P
   50 MHz, Precision, Low Distortion
REV. D
AD8652ARMZ AD-AD8652ARMZ Datasheet
994Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651 AD-AD8651 Datasheet
558Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. B
AD8651 AD-AD8651_06 Datasheet
484Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8651ARMZ AD-AD8651ARMZ Datasheet
994Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
logo
Aavid, Thermal Division...
AD8274 AAVID-AD8274_11 Datasheet
375Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
logo
Analog Devices
AD9617 AD-AD9617 Datasheet
140Kb / 10P
   Low Distortion, Precision, Wide Bandwidth Op Amp
REV. B
AD9618 AD-AD9618_15 Datasheet
474Kb / 8P
   LOW DISTORTION PRECISION WIDE BANDWIDTH OP AMP
REV. A
AD9618 AD-AD9618 Datasheet
414Kb / 8P
   Low Distortion, Precision, Wide Bandwidth Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com