전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8698 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8698
상세설명  Dual Precision, Rail-to-Rail Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8698 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8698_15 Datasheet HTML 2Page - Analog Devices AD8698_15 Datasheet HTML 3Page - Analog Devices AD8698_15 Datasheet HTML 4Page - Analog Devices AD8698_15 Datasheet HTML 5Page - Analog Devices AD8698_15 Datasheet HTML 6Page - Analog Devices AD8698_15 Datasheet HTML 7Page - Analog Devices AD8698_15 Datasheet HTML 8Page - Analog Devices AD8698_15 Datasheet HTML 9Page - Analog Devices AD8698_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8698
Rev. 0 | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1.0
1.2
TCVOS (µV/°C)
VS = ±15V
Figure 2. Input Offset Voltage Drift Distribution
0
10
20
30
40
50
60
70
80
–100 –80 –60 –40 –20
0
40
80
20
60
100
VOS (µV)
VS = ±15V
Figure 3. Offset Voltage Distribution
0
10
20
30
40
50
60
70
–400 –320 –240 –160 –80
0
160
320
80
240
400
IB (pA)
VS = ±15V
Figure 4. Input Bias Distribution
–40
–20
0
20
40
60
80
100
–90
–45
0
45
90
135
180
225
FREQUENCY (Hz)
10k
1M
100k
10M
VS = ±15V
Figure 5. Open-Loop Gain and Phase vs. Frequency
–20
–10
0
10
20
30
40
50
FREQUENCY (Hz)
10k
1k
100k
1M
10M
VS = ±15V
AV = 100
AV = 1
AV = 10
Figure 6. Closed-Loop Gain vs. Frequency
0
15
30
45
60
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
AV = 100
AV = 1
AV = 10
Figure 7. Output Impedance vs. Frequency


유사한 부품 번호 - AD8698_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8698AR AD-AD8698AR Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698AR-REEL AD-AD8698AR-REEL Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698AR-REEL7 AD-AD8698AR-REEL7 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698ARM-R2 AD-AD8698ARM-R2 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8698ARM-REEL AD-AD8698ARM-REEL Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
More results

유사한 설명 - AD8698_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
National Semiconductor ...
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML TI1-LMP2012QML Datasheet
193Kb / 13P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com