전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9012 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD9012
상세설명  High Speed 8-Bit TTL A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9012 데이터시트(HTML) 5 Page - Analog Devices

  AD9012_15 Datasheet HTML 1Page - Analog Devices AD9012_15 Datasheet HTML 2Page - Analog Devices AD9012_15 Datasheet HTML 3Page - Analog Devices AD9012_15 Datasheet HTML 4Page - Analog Devices AD9012_15 Datasheet HTML 5Page - Analog Devices AD9012_15 Datasheet HTML 6Page - Analog Devices AD9012_15 Datasheet HTML 7Page - Analog Devices AD9012_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. F
–5–
AD9012
APERTURE
DELAY
ANALOG
INPUT
ENCODE
OUTPUT
DATA
N
N + 1
N + 2
N – 1
N + 1
N
tPD
Figure 2. Timing Diagram
VREF
R
R/2
R/2
R
VREF
5.2V
256 COMPARATOR
CELLS
REFMID
ANALOG
INPUT
ENCODE
5.0V
DIGITAL
OUTPUTS
5.0V
Figure 3. Input Output Circuits
DIE LAYOUT AND MECHANICAL INFORMATION
Die Dimensions . . . . . 111 mils
× 123 mils × 15 mils (±2) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . 4 mils
× 4 mils
Metallization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Nitride
Die Attach . . . . . . . . . . . . . . . . . . . . Gold Eutectic (Ceramic)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Epoxy (Plastic)
Bond Wire . . . . . . . . 1 mil to 1.3 mil Gold; Gold Ball Bonding
ALL RESISTORS
5%
ALL CAPACITORS
20%
ALL SUPPLY VOLTAGES
5%
D1 (LSB)
D2
D3
D4
D5
D6
D7
OVERFLOW
AIN
ENCODE
–VREF
VH
+VREF
AD1
AD2
–2.0V
DIGITAL
GROUND
ANALOG
GROUND
0.1 F
–5.2V
+5.0V
–VS
+VS
0.1 F
100
510
D8 (MSB)
ONE JUMPER
PER BOARD
OPTION #1 (STATIC) AD1 = –2.0V; AD2 = +2.4V
OPTION #2 (DYNAMIC) SEE WAVEFORMS
AD9012
0V
–2V
+2.4V
+0.4V
640 s
5 s
AD1
AD2
1k
1k
1k
1k
1k
1k
1k
1k
1k
D1 (LSB)
LOAD
RESISTORS
Figure 4. Burn-In Diagram


유사한 부품 번호 - AD9012_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9012AJ AD-AD9012AJ Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
AD9012AQ AD-AD9012AQ Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
AD9012BJ AD-AD9012BJ Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
AD9012BQ AD-AD9012BQ Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
AD9012SE AD-AD9012SE Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
More results

유사한 설명 - AD9012_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9012 AD-AD9012 Datasheet
141Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. D
logo
Intersil Corporation
HI1106 INTERSIL-HI1106 Datasheet
691Kb / 14P
   8-Bit, 35 MSPS, High Speed D/A Converter (TTL Input)
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
AD9002 AD-AD9002_15 Datasheet
645Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com