전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9040A 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD9040A
상세설명  10-Bit 40 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9040A 데이터시트(HTML) 1 Page - Analog Devices

  AD9040A_15 Datasheet HTML 1Page - Analog Devices AD9040A_15 Datasheet HTML 2Page - Analog Devices AD9040A_15 Datasheet HTML 3Page - Analog Devices AD9040A_15 Datasheet HTML 4Page - Analog Devices AD9040A_15 Datasheet HTML 5Page - Analog Devices AD9040A_15 Datasheet HTML 6Page - Analog Devices AD9040A_15 Datasheet HTML 7Page - Analog Devices AD9040A_15 Datasheet HTML 8Page - Analog Devices AD9040A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD9040A
10-Bit 40 MSPS
A/D Converter
FEATURES
Low Power: 940 mW
53 dB SNR @ 10 MHz AIN
On-Chip Track-and-Hold, Reference
CMOS Compatible
2 V p-p Analog Input
Fully Characterized Dynamic Performance
APPLICATIONS
Ultrasound Medical Imaging
Digital Oscilloscopes
Professional Video
Digital Communications
Advanced Television (MUSE Decoders)
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
ERROR
CORRECTION
AD9040A
10
BAND GAP
REFERENCE
6-BIT
ADC
5-BIT
ADC
T/H
T/H
T/H
DECODE
LOGIC
DECODE
LOGIC
ENCODE
AIN
GND
VOUT
VREF
BPREF
AMP
ARRAY
REF
AMP
GENERAL DESCRIPTION
The AD9040A is a complete 10-bit monolithic sampling analog-
to-digital converter (ADC) with on-board track-and-hold (T/H)
and reference. The unit is designed for low cost, high perfor-
mance applications and requires only an encode signal to achieve
40 MSPS sample rates with 10-bit resolution.
Digital inputs and outputs are CMOS compatible; the analog
input requires a signal of 2 V p-p amplitude. The two-step
architecture used in the AD9040A is optimized to provide the
best dynamic performance available while maintaining low
power requirements of only 940 mW typically; maximum dissi-
pation is 1.1 W at 40 MSPS.
The signal-to-noise ratio (SNR), including harmonics, is 53 dB,
or 8.5 ENOB, when sampling an analog input of 10.3 MHz at
40 MSPS. Competitive devices perform at less than 7.5 ENOB
and require external references and larger input signals.
The AD9040A A/D converter is available in either a 28-lead
PDIP or a 28-lead SOIC package. The two models operate over
a commercial temperature range of 0
°C to 70°C. Contact the
factory regarding availability of ceramic military temperature
range devices.
PRODUCT HIGHLIGHTS
1. CMOS compatible logic for direct interface to ASICs.
2. On-board track-and-hold provides excellent high frequency
performance on analog inputs, critical for communications
and medical imaging applications.
3. High input impedance and 2 V p-p input range reduce need
for external amplifiers.
4. Easy to use; no cumbersome external voltage references
required, allowing denser packing of ADCs for multichannel
applications.
5. Available in 28-lead PDIP and SOIC packages.
6. Evaluation board includes AD9040AJR, reconstruction DAC,
and latches. Space is available near the analog input and digital
outputs of the converter for additional circuits. Order as part
number AD9040A/PCB (schematic shown in data sheet).


유사한 부품 번호 - AD9040A_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9040A/PCB AD-AD9040A/PCB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040A/PWB AD-AD9040A/PWB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040AJN AD-AD9040AJN Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040AJR AD-AD9040AJR Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9040APCB AD-AD9040APCB Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
More results

유사한 설명 - AD9040A_15

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
   10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
   10-bit, 40 MSPS 160mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com