전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9057 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD9057
상세설명  8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9057 데이터시트(HTML) 4 Page - Analog Devices

  AD9057_15 Datasheet HTML 1Page - Analog Devices AD9057_15 Datasheet HTML 2Page - Analog Devices AD9057_15 Datasheet HTML 3Page - Analog Devices AD9057_15 Datasheet HTML 4Page - Analog Devices AD9057_15 Datasheet HTML 5Page - Analog Devices AD9057_15 Datasheet HTML 6Page - Analog Devices AD9057_15 Datasheet HTML 7Page - Analog Devices AD9057_15 Datasheet HTML 8Page - Analog Devices AD9057_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. D
AD9057
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9057 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
VD, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Inputs . . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
VREF Input . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . –55
∞C to +125∞C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
∞C to +150∞C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
∞C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . 150
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Model
Range
Package Option
*
AD9057BRS-40
–40
∞C to +85∞C RS-20
AD9057BRS-60
–40
∞C to +85∞C RS-20
AD9057BRS-80
–40
∞C to +85∞C RS-20
AD9057/PCB
25
∞CEvaluation Board
*RS = Shrink Small Outline Package (SSOP).
Table I. Digital Coding (VREF = 2.5 V)
Analog Input
Voltage Level
Digital Output
3.0 V
Positive Full Scale
1111 1111
2.502 V
Midscale +1/2 LSB
1000 0000
2.498 V
Midscale –1/2 LSB
0111 1111
2.0 V
Negative Full Scale
0000 0000
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
PWRDN
Power-Down Function Select;
Logic High for Power-Down
Mode (Digital Outputs Go to
High Impedance State).
2
VREF OUT
Internal Reference Output
(2.5 V typ); Bypass with 0.1
mF
to Ground.
3
VREF IN
Reference Input for ADC (2.5 V
typ,
±10%).
4, 9, 16
GND
Ground (Analog/Digital).
5, 8
VD
Analog 5 V Power Supply.
6
BIAS OUT
Bias Pin for AC Coupling
(1 k
W to REF IN).
7
AIN
Analog Input for ADC.
10
ENCODE
Encode Clock for ADC (ADC
Samples on Rising Edge of
Encode).
11–14, 17–20
D7–D0
Digital Outputs of ADC.
15
VDD
Digital Output Power Supply;
Nominally 3 V to 5
V.
PIN CONFIGURATION
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
PWRDN
D3
D2
D1
D0 (LSB)
VREF OUT
VREF IN
GND
AD9057
D4
VDD
GND
VD
BIAS OUT
AIN
VD
GND
ENCODE
D7 (MSB)
D6
D5


유사한 부품 번호 - AD9057_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
More results

유사한 설명 - AD9057_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
207Kb / 12P
   8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
REV. C
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Analog Devices
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Intersil Corporation
HI5714 INTERSIL-HI5714 Datasheet
114Kb / 13P
   8-Bit, 40/60/75/80 MSPS A/D Converter
January 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com