전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9060 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD9060
상세설명  10-Bit 75 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9060 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD9060_15 Datasheet HTML 3Page - Analog Devices AD9060_15 Datasheet HTML 4Page - Analog Devices AD9060_15 Datasheet HTML 5Page - Analog Devices AD9060_15 Datasheet HTML 6Page - Analog Devices AD9060_15 Datasheet HTML 7Page - Analog Devices AD9060_15 Datasheet HTML 8Page - Analog Devices AD9060_15 Datasheet HTML 9Page - Analog Devices AD9060_15 Datasheet HTML 10Page - Analog Devices AD9060_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. B
AD9060
–7–
AD9060
AIN
ENCODE
–FS
+FS
Figure 1. Imaging Application Using AD9060
The actual resolution of the converter is limited by the thermal
and quantization noise of the ADC. The low frequency test for
SNR or ENOB is a good measure of the noise of the AD9060.
At this frequency, the static errors in the ADC determine the
useful dynamic range of the ADC.
Although the signal being sampled does not have a significant
slew rate, this does not imply that dynamic performance is not
important. The Transient Response and Overvoltage Recovery Time
specifications ensure that the ADC can track full-scale changes
in the analog input sufficiently fast to capture a valid sample.
Transient Response is the time required for the AD9060 to achieve
full accuracy when a step function is applied. Overvoltage Recovery
Time is the time required for the AD9060 to recover to full accu-
racy after an analog input signal 150% of full scale is reduced to
the full-scale range of the converter.
Professional Video
Digital Signal Processing (DSP) is now common in television
production. Modern studios rely on digitized video to create state-
of-the-art special effects. Video instrumentation also requires high
resolution ADCs for studio quality measurement and frame
storage.
The AD9060 provides sufficient resolution for these demanding
applications. Conversion speed, dynamic performance, and analog
bandwidth are suitable for digitizing both composite and RGB
video sources.
USING THE AD9060
Voltage References
The AD9060 requires the user to provide two voltage references:
+VREF and –VREF. These two voltages are applied across an
internal resistor ladder (nominally 37
Ω) and set the analog input
voltage range of the converter. The voltage references should be
driven from a stable, low impedance source. In addition to these
two references, three evenly spaced taps on the resistor ladder
(1/4REF, 1/2REF, and 3/4REF) are available. Providing a reference
to these quarter points on the resistor ladder will improve the
integral linearity of the converter and improve ac performance
(ac and dc specifications are tested while driving the quarter
points at the indicated levels). The figure below is not intended
to show the transfer characteristic of the ADC but illustrates
how the linearity of the device is affected by the reference voltages
applied to the ladder.
VIN
1111111111
–VSENSE
1100000000
1000000000
0100000000
0000000000
1/4REF
1/2REF
3/4REF
+VSENSE
(NOT TO SCALE)
TAPS
DRIVEN
TAPS
FLOATING
IDEAL
LINEARITY
Figure 2. Effect of Reference Taps on Linearity
Resistance between the reference connections and the taps of the
first and last comparators causes offset errors. These errors, called
“top and bottom of the ladder offsets,” can be nulled by using
the voltage sense lines, +VSENSE and –VSENSE, to adjust the refer-
ence voltages. Current through the sense lines should be limited
to less than 100
µA. Excessive current drawn through the voltage
sense lines will affect the accuracy of the sense line voltage.
Figure 4 shows a reference circuit that nulls out the offset errors
using two op amps and provides appropriate voltage references to
the quarter-point taps. Feedback from the sense lines causes the
op amps to compensate for the offset errors. The two transistors
limit the amount of current drawn directly from the op amps;
resistors at the base connections stabilize their operation. The
10 k
Ω resistors (R1–R4) between the voltage sense lines form an
external resistor ladder; the quarter point voltages are taken off
this external ladder and buffered by an op amp. The actual values
of resistors R1–R4 are not critical, but they should match well
and be large enough (
≥10 kΩ) to limit the amount of current
drawn from the voltage sense lines.
The select resistors (RS) shown in the schematic (each pair can be
a potentiometer) are chosen to adjust the quarter-point voltage
references but are not necessary if R1–R4 match within 0.05%.
An alternative approach for defining the quarter-point references
of the resistor ladder is to evaluate the integral linearity error of
an individual device and adjust the voltage at the quarter-points
to minimize this error. This may improve the low frequency
ac performance of the converter.


유사한 부품 번호 - AD9060_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9060/PCB AD-AD9060/PCB Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060JE AD-AD9060JE Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060JZ AD-AD9060JZ Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060KE AD-AD9060KE Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
AD9060KZ AD-AD9060KZ Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
More results

유사한 설명 - AD9060_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9060 AD-AD9060 Datasheet
215Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. A
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386Y INTERSIL-HI1386Y Datasheet
474Kb / 8P
   8-Bit, 75 MSPS Flash A/D Converter
April 1995
HI1386 INTERSIL-HI1386_03 Datasheet
237Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1386 RENESAS-HI1386 Datasheet
470Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
March 2003
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com