전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9071 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD9071
상세설명  10-Bit, 100 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9071 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD9071_15 Datasheet HTML 4Page - Analog Devices AD9071_15 Datasheet HTML 5Page - Analog Devices AD9071_15 Datasheet HTML 6Page - Analog Devices AD9071_15 Datasheet HTML 7Page - Analog Devices AD9071_15 Datasheet HTML 8Page - Analog Devices AD9071_15 Datasheet HTML 9Page - Analog Devices AD9071_15 Datasheet HTML 10Page - Analog Devices AD9071_15 Datasheet HTML 11Page - Analog Devices AD9071_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9071
–9–
REV. C
The minimum guaranteed conversion rate of the AD9071 is
40 MSPS. At clock rates below 40 MSPS, dynamic performance
may degrade. The AD9070 will operate in bursts, but the user
must flush the internal pipeline each time the clock restarts.
Valid data will be produced on the fourth rising edge of the
ENCODE signal after the clock is restarted.
EVALUATION BOARD
The AD9071 evaluation board is a convenient and easy way to
evaluate the performance of the AD9071 in the SOIC package.
The board consists of an internal voltage reference or an optional
external reference, two 74LCX574 latches for capturing data
from the A/D converter, and an AD9760 DAC for viewing
reconstructed A/D data. The AD9071 output logic can be driven
at 5 V and 3.3 V levels. The latches are set up at 3.3 V but are
5 V tolerant. Test points are provided at Encode, DB9, DB0,
Data Ready, and Data Clock. All are clearly labeled.
Analog Input
The evaluation board can be driven single-ended or differen-
tially. Differential input requires using a 1:1 transformer. For
single-ended operation (J2), Jumper S5 is connected to S8 and
S6 is connected to S7. For differential input operation (J3), S5
is connected to S3 and S4 is connected to S6. The board is
shipped in the differential configuration.
Encode
The AD9071 encode inputs are driven single-ended into J1 and
are at TTL logic levels.
Data Out
The data delivered out of the AD9071 is in offset binary format
at TTL levels. The Data Ready signal can be inverted by open-
ing the S1 and S2 connections. An optional series termination
resistor on Data Ready (R33), normally 0 ohms, is provided to
support various user output impedance configurations. The
AD9760 DAC supports viewing reconstructed A/D data at J4.
Voltage Reference
The AD9071 can be operated using its internal voltage reference
(connect E2 to E3) or an optional external reference (connect
E1 to E2). The board is shipped utilizing the internal voltage
reference.
Layout
The AD9071 is not layout sensitive if some important guidelines
are met. The evaluation board layout provides an example where
these guidelines have been followed to optimize performance.
• Provide a good ground plane connecting the analog and
digital sections.
• Excellent bypassing is essential. Chip capacitors with 0.1 µF
values and 0803 dimensions are placed flush against the pins.
Placing any of the capacitors on the bottom of the board can
degrade performance. These techniques reduce the amount
of parasitic inductance that can impact the bypassing ability
of the caps.
• Separate power planes and supplies for the analog and digital
sections are recommended.
The AD9071 evaluation board is provided as a design example
for customers of Analog Devices. ADI makes no warranties
express, statutory, or implied regarding merchantability or fit-
ness for a particular purpose.
Figure 10. Printed Circuit Board Top Side Silkscreen
Figure 11. Printed Circuit Board Bottom Side Silkscreen


유사한 부품 번호 - AD9071_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9071/PCB AD-AD9071/PCB Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9071BR AD-AD9071BR Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
More results

유사한 설명 - AD9071_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com