전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9281 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD9281
상세설명  Dual Channel 8-Bit Resolution CMOS ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9281 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD9281_15 Datasheet HTML 7Page - Analog Devices AD9281_15 Datasheet HTML 8Page - Analog Devices AD9281_15 Datasheet HTML 9Page - Analog Devices AD9281_15 Datasheet HTML 10Page - Analog Devices AD9281_15 Datasheet HTML 11Page - Analog Devices AD9281_15 Datasheet HTML 12Page - Analog Devices AD9281_15 Datasheet HTML 13Page - Analog Devices AD9281_15 Datasheet HTML 14Page - Analog Devices AD9281_15 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AD9281
–11–
QREFT
QREFB
IREFT
0.1 F10 F
0.1 F
0.1 F
AD9281
REFSENSE
AVSS
1V
0.1 F
10 F
IREFB
VREF
0.1 F
0.1 F
10k
10k
ADC
CORE
INTERNAL
CONTROL
LOGIC
0.1 F
1.0 F
Figure 26. Reference Buffer Equivalent Circuit and
External Decoupling Recommendation
For best results in both noise suppression and robustness
against crosstalk, the 4-capacitor buffer decoupling arrangement
shown in Figure 26 is recommended. This decoupling should
–3
–0.5
–13
–23
–33
–43
–53
–63
–73
0
0.5
1
1.5
CML – V
2V
1V
a. Differential Input, 3 V Supplies
–35
–0.5
–40
–45
–50
–55
–60
–65
–70
0
0.5
1
1.5
CML – V
2
2.5
1V
2V
b. Differential Input, 5 V Supplies
Figure 27. THD vs. CML Input Span and Power Supply (Analog Input = 1 MHz)
–15
–0.5
–25
–35
–45
–55
–65
0
0.5
1
1.5
CML – V
2V
1V
c. Single-Ended Input, 3 V Supplies
–15
–0.5
–25
–35
–45
–55
–65
0
0.5
1
1.5
CML – V
2V
1V
2
2.5
d. Single-Ended Input, 5 V Supplies
feature chip capacitors located close to the converter IC. The
capacitors are connected to either IREFT/IREFB or QREFT/
QREFB. A connection to both sides is not required.
COMMON-MODE PERFORMANCE
Attention to the common-mode point of the analog input volt-
age can improve the performance of the AD9281. Figure 27
illustrates THD as a function of common-mode voltage (center
point of the analog input span) and power supply.
Inspection of the curves will yield the following conclusions:
1. An AD9281 running with AVDD = 5 V is the easiest to
drive.
2. Differential inputs are the most insensitive to common-mode
voltage.
3. An AD9281 powered by AVDD = 3 V and a single ended
input, should have a 1 V span with a common-mode voltage
of 0.75 V.
REV. F


유사한 부품 번호 - AD9281_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9281 AD-AD9281_17 Datasheet
411Kb / 16P
   Resolution CMOS ADC
More results

유사한 설명 - AD9281_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9281ARSRL AD-AD9281ARSRL Datasheet
329Kb / 15P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9281ARSZ AD-AD9281ARSZ Datasheet
329Kb / 15P
   Dual Channel 8-Bit Resolution CMOS ADC
Rev. F
AD9281 AD-AD9281 Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
AD9201ARSZ AD-AD9201ARSZ Datasheet
75Kb / 4P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9201 AD-AD9201 Datasheet
431Kb / 20P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9281 AD-AD9281_17 Datasheet
411Kb / 16P
   Resolution CMOS ADC
AD9201 AD-AD9201_17 Datasheet
467Kb / 21P
   Resolution CMOS ADC
logo
Maxim Integrated Produc...
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com