전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9389B 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD9389B
상세설명  High Performance HDMI/DVI Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9389B 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD9389B_15 Datasheet HTML 3Page - Analog Devices AD9389B_15 Datasheet HTML 4Page - Analog Devices AD9389B_15 Datasheet HTML 5Page - Analog Devices AD9389B_15 Datasheet HTML 6Page - Analog Devices AD9389B_15 Datasheet HTML 7Page - Analog Devices AD9389B_15 Datasheet HTML 8Page - Analog Devices AD9389B_15 Datasheet HTML 9Page - Analog Devices AD9389B_15 Datasheet HTML 10Page - Analog Devices AD9389B_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9389B
Rev. 0 | Page 7 of 12
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
LFCSP
LQFP
2, 39 to 47,
50 to 63
2, 50 to 58,
65 to 78
D[23:0]
I
Video Data Input. Digital input in RGB or YCbCr format. Supports CMOS logic levels from
1.8 V to 3.3 V.
6
6
CLK
I
Video Clock Input. Supports CMOS logic levels from 1.8 V to 3.3 V.
3
3
DE
I
Data Enable Bit for Digital Video. Supports CMOS logic levels from 1.8 V to 3.3 V.
4
4
HSYNC
I
Horizontal Sync Input. Supports CMOS logic levels from 1.8 V to 3.3 V.
5
5
VSYNC
I
Vertical Sync Input. Supports CMOS logic levels from 1.8 V to 3.3 V.
18
23
EXT_SWG
I
Set Internal Reference Currents. Place 887 Ω resistor (1% tolerance) between this pin
and ground.
20
25
HPD
I
Hot Plug Detect Signal. This indicates to the interface whether the receiver is
connected. 1.8 V to 5.0 V CMOS logic levels.
7
7
S/PDIF
I
S/PDIF (Sony/Philips Digital Interface) Audio Input. This is the audio input from a
Sony/Philips digital interface. Supports CMOS logic levels from 1.8 V to 3.3 V.
8
8
MCLK
I
Audio Reference Clock. 128 × N × fS with N = 1, 2, 3, or 4. Set to 128 × sampling
frequency (fS), 256 × fS, 384 × fS, or 512 × fS. 1.8 V to 3.3 V CMOS logic levels.
9 to 12
9 to 12
I2S[3:0]
I
I2S Audio Data Inputs. These represent the eight channels of audio (two per input)
available through I2S. Supports CMOS logic levels from 1.8 V to 3.3 V.
13
13
SCLK
I
I2S Audio Clock. Supports CMOS logic levels from 1.8 V to 3.3 V.
14
14
LRCLK
I
Left/Right Channel Selection. Supports CMOS logic levels from 1.8 V to 3.3 V.
262
332
PD/A0
I
Power-Down Control and I2C Address Selection. The I2C address and the PD polarity
are set by the PD/A0 pin state when the supplies are applied to the AD9389B. 1.8 V
to 3.3 V CMOS logic levels.
21, 22
27, 28
TxC−/TxC+
O
Differential Clock Output. Differential clock output at pixel clock rate; TMDS logic
level.
30, 31
37, 38
Tx2−/Tx2+
O
Differential Output Channel 2. Differential output of the red data at 10× the pixel
clock rate; TMDS logic level.
27, 28
34, 35
Tx1−/Tx1+
O
Differential Output Channel 1. Differential output of the green data at 10× the pixel
clock rate; TMDS logic level.
24, 25
30, 31
Tx0−/Tx0+
O
Differential Output Channel 0. Differential output of the blue data at 10× the pixel
clock rate; TMDS logic level.
32
40
INT
O
Interrupt. Open drain. A 2 kΩ pull-up resistor to the microcontroller I/O supply is
recommended. Active Low.
19, 23, 29
24, 29, 36,
41
AVDD
P
1.8 V Power Supply for TMDS Outputs.
1, 48, 49
1, 61 to 64
DVDD
P
1.8 V Power Supply for Digital and I/O Power Supply. These pins supply power to the
digital logic and I/Os. They should be filtered and as quiet as possible.
15, 16, 17
16, 19 to 21
PVDD
P
1.8 V PLL Power Supply. The most sensitive portion of the AD9389B is the clock
generation circuitry. These pins provide power to the clock PLL. Provide quiet,
noise-free power to these pins.
N/A
15, 17, 18,
22, 26, 32,
39, 42, 43,
59, 60, 79,
80
GND
P
Ground. The ground return for all circuitry on-chip. It is recommended that the
AD9389B be assembled on a single, solid ground plane with careful attention given
to ground current paths.
64, paddle on
bottom side
N/A
DGND
Ground. The ground return for all circuitry on-chip. It is recommended that the
AD9389B be assembled on a single, solid ground plane with careful attention given
to ground current paths.
36
47
SDA
C3
Serial Port Data I/O. This pin serves as the serial port data I/O slave for register
access. Supports CMOS logic levels from 1.8 V to 3.3 V.
35
46
SCL
C3
Serial Port Data Clock. This pin serves as the serial port data clock slave for register
access. Supports CMOS logic levels from 1.8 V to 3.3 V.
37
48
MDA
C3
Serial Port Data I/O Master to HDCP Key EEPROM. Supports CMOS logic levels from
1.8 V to 3.3 V.
38
49
MCL
C3
Serial Port Data Clock Master to HDCP Key EEPROM. Supports CMOS logic levels
from 1.8 V to 3.3 V.


유사한 부품 번호 - AD9389B_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9389B/PCB AD-AD9389B/PCB Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9389BBCPZ-165 AD-AD9389BBCPZ-165 Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9389BBCPZ-80 AD-AD9389BBCPZ-80 Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9389BBSTZ-165 AD-AD9389BBSTZ-165 Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9389BBSTZ-80 AD-AD9389BBSTZ-80 Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
More results

유사한 설명 - AD9389B_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389A AD-AD9389A_15 Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B_15 Datasheet
261Kb / 11P
   High Performance HDMI/DVI Transmitter
REV. B
AD9889A AD-AD9889A Datasheet
253Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9389B AD-AD9389B Datasheet
277Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889 AD-AD9889_15 Datasheet
1Mb / 48P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889 AD-AD9889 Datasheet
2Mb / 48P
   HIGH PERFORMANCE HDMI-TM / DVI TRANSMITTER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com