전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9397 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD9397
상세설명  DVI Display Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9397 데이터시트(HTML) 1 Page - Analog Devices

  AD9397_15 Datasheet HTML 1Page - Analog Devices AD9397_15 Datasheet HTML 2Page - Analog Devices AD9397_15 Datasheet HTML 3Page - Analog Devices AD9397_15 Datasheet HTML 4Page - Analog Devices AD9397_15 Datasheet HTML 5Page - Analog Devices AD9397_15 Datasheet HTML 6Page - Analog Devices AD9397_15 Datasheet HTML 7Page - Analog Devices AD9397_15 Datasheet HTML 8Page - Analog Devices AD9397_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DVI Display Interface
AD9397
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
DVI interface
Supports high-bandwidth digital content protection
RGB to YCbCr 2-way color conversion
1.8 V/3.3 V power supply
100-lead, Pb-free LQFP
RGB and YCbCr output formats
Digital video interface
DVI 1.0
150 MHz DVI receiver
Supports high-bandwidth digital content protection
(HDCP 1.1)
APPLICATIONS
Advanced TVs
HDTVs
Projectors
LCD monitors
FUNCTIONAL BLOCK DIAGRAM
DATACK
DE
VSYNC
2
2
DATACK
HSOUT
SOGOUT
DE
R/G/B 8 × 3
OR YCbCr
YCbCr (4:2:2
OR 4:4:4)
AD9397
Rx1+
Rx1–
Rx2+
Rx2–
RxC+
RxC–
RTERM
Rx0+
Rx0–
HSYNC
R/G/B 8 × 3
MCL
DVI RECEIVER
SERIAL REGISTER
AND
POWER MANAGEMENT
SCL
SDA
MDA
VSOUT
DIGITAL INTERFACE
DDCSCL
DDCSDA
HDCP
Figure 1.
GENERAL DESCRIPTION
The AD9397 is a digital visual interface (DVI) receiver
integrated on a single chip. Also included is support for high
bandwidth digital content protection (HDCP) with internal key
storage.
The AD9397 contains a DVI 1.0-compatible receiver and
supports all HDTV formats (up to 1080p and 720p) and display
resolutions up to SXGA (1280 × 1024 @ 80 Hz). The receiver
features an intrapair skew tolerance of up to one full clock cycle.
With the inclusion of HDCP, displays can receive encrypted
video content. The AD9397 allows for authentication of a video
receiver, decryption of encoded data at the receiver, and
renewability of that authentication during transmission as
specified by the HDCP 1.1 protocol.
Fabricated in an advanced CMOS process, the AD9397 is
provided in a space-saving, 100-lead, surface-mount, Pb-free
plastic LQFP and is specified over the 0°C to 70°C temperature
range.


유사한 부품 번호 - AD9397_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9397/PCB AD-AD9397/PCB Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
AD9397KSTZ-100 AD-AD9397KSTZ-100 Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
AD9397KSTZ-150 AD-AD9397KSTZ-150 Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
More results

유사한 설명 - AD9397_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9397 AD-AD9397 Datasheet
593Kb / 28P
   DVI Display Interface
REV. 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
logo
List of Unclassifed Man...
S9255 ETC-S9255 Datasheet
172Kb / 3P
   DVI INTERFACE WITH TCON DISPLAY PROCESSOR
logo
Axiomtek Co., Ltd.
SBC86832 AXIOMTEK-SBC86832_14 Datasheet
249Kb / 1P
   DVI-I interface for both VGA and DVI external display devices
logo
Vecow Co., Ltd.
RCS-9430F VECOW-RCS-9430F Datasheet
407Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9421FR VECOW-RCS-9421FR Datasheet
436Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9430FR VECOW-RCS-9430FR Datasheet
436Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9412FR VECOW-RCS-9412FR Datasheet
437Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
RCS-9421F VECOW-RCS-9421F Datasheet
407Kb / 2P
   Onboard DVI-I, DVI-D and DisplayPort display interface, up to 3independent HD displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com