전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD10242 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD10242
상세설명  Dual, 12-Bit, 40 MSPS MCM A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD10242 데이터시트(HTML) 4 Page - Analog Devices

  AD10242_15 Datasheet HTML 1Page - Analog Devices AD10242_15 Datasheet HTML 2Page - Analog Devices AD10242_15 Datasheet HTML 3Page - Analog Devices AD10242_15 Datasheet HTML 4Page - Analog Devices AD10242_15 Datasheet HTML 5Page - Analog Devices AD10242_15 Datasheet HTML 6Page - Analog Devices AD10242_15 Datasheet HTML 7Page - Analog Devices AD10242_15 Datasheet HTML 8Page - Analog Devices AD10242_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD10242
–4–
REV. C
ABSOLUTE MAXIMUM RATINGS
1
Parameter
Min
Max
Unit
ELECTRICAL
VCC Voltage
0
7
V
VEE Voltage
–7
0
V
Analog Input Voltage
VEE
VCC
V
Analog Input Current
–10
+10
mA
Digital Input Voltage (ENCODE)
0
VCC
V
ENCODE,
ENCODE Differential Voltage
4
V
Digital Output Current
–40
+40
mA
ENVIRONMENTAL
2
Operating Temperature (Case)
–55
+125
°C
Maximum Junction Temperature
175
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Storage Temperature Range (Ambient)
–65
+150
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and beyond
which the serviceability of the circuit may be impaired. Functional operability is not
necessarily implied. Exposure to absolute maximum rating conditions for an
extended period of time may affect device reliability.
2Typical thermal impedances for “Z” package:
θ
JC = 11
°C/W; θ
JA = 30
°C/W.
Table I. Output Coding
MSB
LSB
Base 10
Input
0111111111111
2047
+FS
0000000000001
+1
0000000000000
0
0.0 V
1111111111111
–1, 4095
1000000000000
–2047, 2048
–FS
EXPLANATION OF TEST LEVELS
Test Level
I– 100% Production Tested.
II – 100% production tested at 25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III – Sample Tested Only.
IV – Parameter is guaranteed by design and characterization
testing.
V– Parameter is a typical value only.
VI – All devices are 100% production tested at 25
°C; sample
tested at temperature extremes.
ORDERING GUIDE
M
odel
Temperature Range
Package Description
Package Option
AD10242BZ
–40
°C to +85°C (Case)
68-Lead Ceramic Leaded Chip Carrier
Z-68A
AD10242TZ
–55
°C to +125°C (Case) 68-Lead Ceramic Leaded Chip Carrier Z-68A
AD10242TZ/883B
–55
°C to +125°C (Case) 68-Lead Ceramic Leaded Chip Carrier Z-68A
5962-9581501HXA
–55
°C to +125°C (Case) 68-Lead Ceramic Leaded Chip Carrier Z-68A
AD10242/PCB
25
°C
Evaluation Board with AD10242BZ
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD10242 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


유사한 부품 번호 - AD10242_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD10242 AD-AD10242_17 Datasheet
448Kb / 16P
   MCM A/D Converter
More results

유사한 설명 - AD10242_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
logo
Hittite Microwave Corpo...
HMCAD1050-40 HITTITE-HMCAD1050-40 Datasheet
788Kb / 14P
   Dual 13/12-Bit 20/40 MSPS A/D Converter
logo
National Semiconductor ...
ADC12DL040 NSC-ADC12DL040 Datasheet
1Mb / 26P
   Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Texas Instruments
ADC12DL040 TI1-ADC12DL040_13 Datasheet
1Mb / 38P
[Old version datasheet]   ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Analog Devices
AD9224 AD-AD9224 Datasheet
309Kb / 24P
   Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com