전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3143-K3 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SC3143-K3
상세설명  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3143-K3 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3143-K3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3143-K3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3143-K3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SC3143
Typical Characterisitics
PW=20µs
D.C.″ 1%
INPUT
20V
50Ω
RB
2kΩ
IB1
IB2
100µF
470µF
--5V
10IB1=--10IB2=IC=10mA
VR
+
+
RL
(For PNP, the polarity is reversed.)
OUTPUT
Switching Time Test Circuit
IC -- VCE
10
12
6
8
2
4
0
0
10
20
30
40
50
IB=0
0.5mA
0.4mA
0.2mA
0.1mA
2SC3143
IC -- VBE
1.0
1.2
0.6
0.8
0.2
0.4
0
0
10
20
30
40
50
2SC3143
VCE=5V
Collector-to-Emitter Voltage, VCE – V
Base-to-Emitter Voltage, VBE – V
1.0
3
3
2
5
7
10
7 100
5
2
7
100
10
5
5
3
2
3
2
fT -- IC
2SC3143
VCE=10V
hFE -- IC
0.1
1.0
3
3
2
5
2 3
5
10
100
5
2
2
7
100
10
5
7
1000
5
3
2
3
2
2SC3143
VCE=5V
Collector Current, IC – mA
Collector Current, IC – mA


유사한 부품 번호 - 2SC3143-K3

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3143-HF-3 KEXIN-2SC3143-HF-3_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC3143-HF KEXIN-2SC3143-HF_15 Datasheet
979Kb / 3P
   NPN Transistors
More results

유사한 설명 - 2SC3143-K3

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com