전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA968A 데이터시트(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 KTA968A
상세설명  PNP Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTA968A 데이터시트(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KTA968A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIP Type
www.kexin.com.cn
1
Transistors
PNP Transistors
KTA968A
Features
High Transition Frequency
Comlementary to KTC2238A
TO-220
1 2 3
4.50 ± 0.20
9.90 ± 0.20
1.52 ± 0.10
0.80 ± 0.10
2.40 ± 0.20
10.00 ± 0.20
1.27 ± 0.10
ø3.60 ± 0.10
(8.70)
1.30 +0.10
–0.05
0.50
+0.10
–0.05
2.54TYP
[2.54 ± 0.20 ]
2.54TYP
[2.54 ± 0.20 ]
3. Emitter
1. Base
2. Collector
Absolute Maximum Ratings Ta = 25℃
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -1 mA, IE=0
-180
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA,IB=0
-180
Emitter - base breakdown voltage
VEBO
IE= -1 mA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -160V , IE=0
-1
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-1
Collector-emitter saturation voltage
VCE(sat) IC=-500mA, IB=-50mA
-1.5
Base - emitter saturation voltage
VBE(sat) IC=-500mA, IB=-50mA
-1.2
Base - emitter voltage
VBE
VCE= -5V, IC= -500mA
-1
DC current gain
hFE
VCE= -5V, IC= -100mA
70
240
Collector output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
30
pF
Transition frequency
fT
VCE= -10V, IC= -100mA
100
MHz
V
uA
V
Classification of hfe
Type
KTA968A-O
KTA968A-Y
Range
70-140
120-240
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-180
Collector - Emitter Voltage
VCEO
-180
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-1.5
A
Collector Power Dissipation
Tc = 25℃
PC
25
W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V


유사한 부품 번호 - KTA968A

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA968A KEC-KTA968A Datasheet
120Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Jiangsu Changjiang Elec...
KTA968A JIANGSU-KTA968A Datasheet
324Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
More results

유사한 설명 - KTA968A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com