전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMED003A 데이터시트(PDF) 2 Page - KODENSHI_AUK CORP.

부품명 KMED003A
상세설명  Distance sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KMED003A 데이터시트(HTML) 2 Page - KODENSHI_AUK CORP.

  KMED003A Datasheet HTML 1Page - KODENSHI_AUK CORP. KMED003A Datasheet HTML 2Page - KODENSHI_AUK CORP. KMED003A Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. date: 04-August-14
KSD-XXXXXX-000
KMED003A
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Electrical Characteristics (T
a=25℃)
Characteristic
Symbol
Min
Typ
Max
Unit
Condition
Input
Forward voltage
VF
-
1.45
-
V
IF = 50㎃
Reverse Current
IR
-
-
70
VR = 5V
Peak wavelength
λP
-
875
-
-
Output
Dark Voltage
CH A
-
-
22
mV
Vcc = 3.3V, 0Lux
CH B
-
-
17
mV
Vcc = 3.3V, 0Lux
Transmission
Detecting Distance
LDS
20
-
100
mm
Vcc = 3.3V
Output Voltage
CH A
-
0.55
-
V
Vcc = 3.3,
VFP = 500Hz,
L = 50mm
CH B
-
0.65
-
V
Leakage Voltage
VLeak
-
-
50
mV
Response Time
Rise Time
tr
-
250
-
Fig.1
Fig.2
Fall Time
tf
-
350
-
Note1. Reference media: KODAK 90% White paper
Note2. Input VFP have a 500Hz frequency with 40% duty and media position is 100mm from top surface of
sensor. Apply with recommandation circuit
Note3. Adjust amplitude and offset of square wave so that Vout transitions from 10% to 90% of Vout range of
the Device Under Test(DUT)


유사한 부품 번호 - KMED003A

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KMED002A KODENSHI-KMED002A Datasheet
182Kb / 3P
   Distance sensor
More results

유사한 설명 - KMED003A

제조업체부품명데이터시트상세설명
logo
Pepperl+Fuchs Inc.
OMT600-R201-2EP-IO-V31-L PF-OMT600-R201-2EP-IO-V31-L Datasheet
513Kb / 4P
   Distance sensor
OMT50-R101-2EP-IO-V31 PF-OMT50-R101-2EP-IO-V31 Datasheet
503Kb / 4P
   Distance sensor
OMT300-R201-2EP-IO PF-OMT300-R201-2EP-IO Datasheet
442Kb / 4P
   Distance sensor
OMT200-R101-2EP-IO PF-OMT200-R101-2EP-IO Datasheet
473Kb / 4P
   Distance sensor
OMT300-R200-UEP-IO-V1-L PF-OMT300-R200-UEP-IO-V1-L Datasheet
616Kb / 5P
   Distance sensor
OMT300-R201-2EP-IO-V31-L PF-OMT300-R201-2EP-IO-V31-L Datasheet
513Kb / 4P
   Distance sensor
OMT300-R201-IEP-IO-V1-L PF-OMT300-R201-IEP-IO-V1-L Datasheet
627Kb / 5P
   Distance sensor
OMT300-R200-UEP-IO-V31 PF-OMT300-R200-UEP-IO-V31 Datasheet
579Kb / 5P
   Distance sensor
OMT600-R200-IEP-IO-V31-L PF-OMT600-R200-IEP-IO-V31-L Datasheet
628Kb / 5P
   Distance sensor
OMT600-R201-UEP-IO-V1-L PF-OMT600-R201-UEP-IO-V1-L Datasheet
627Kb / 5P
   Distance sensor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com