전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9887 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD9887
상세설명  Dual Interface for Flat Panel Displays
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9887 데이터시트(HTML) 4 Page - Analog Devices

  AD9887_15 Datasheet HTML 1Page - Analog Devices AD9887_15 Datasheet HTML 2Page - Analog Devices AD9887_15 Datasheet HTML 3Page - Analog Devices AD9887_15 Datasheet HTML 4Page - Analog Devices AD9887_15 Datasheet HTML 5Page - Analog Devices AD9887_15 Datasheet HTML 6Page - Analog Devices AD9887_15 Datasheet HTML 7Page - Analog Devices AD9887_15 Datasheet HTML 8Page - Analog Devices AD9887_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
REV. 0
–4–
AD9887–SPECIFICATIONS
DIGITAL INTERFACE
Test
AD9887KS
Parameter
Conditions
Level
Min
Typ
Max
Unit
RESOLUTION
8
Bits
DC DIGITAL I/O SPECIFICATIONS
High-Level Input Voltage, (VIH)
VI
2.6
V
Low-Level Input Voltage, (VIL)
VI
0.8
V
High-Level Output Voltage, (VOH)
VI
2.4
V
Low-Level Output Voltage, (VOL)
VI
0.4
V
Input Clamp Voltage, (VCINL)(ICL = –18 mA)
IV
GND – 0.8
V
Input Clamp Voltage, (VCIPL)(ICL = +18 mA)
IV
VDD + 0.8
V
Output Clamp Voltage, (VCONL)(ICL = –18 mA)
IV
GND – 0.8
V
Output Clamp Voltage, (VCOPL)(ICL = +18 mA)
IV
VDD + 0.8
V
Output Leakage Current, (IOL)
(High Impedance)
IV
–10
+10
µA
DC SPECIFICATIONS
Output High Drive
Output Drive = High
IV
13
mA
(IOHD) (VOUT = VOH)
Output Drive = Med
IV
8
mA
Output Drive = Low
IV
5
mA
Output Drive = High
IV
–9
mA
(IOLD) (VOUT = VOL)
Output Drive = Med
IV
–7
mA
Output Drive = Low
IV
–5
mA
Output Drive = High
IV
25
mA
(VOHC) (VOUT = VOH)
Output Drive = Med
IV
12
mA
Output Drive = Low
IV
8
mA
DATACK Low Drive
Output Drive = High
IV
–25
mA
(VOLC) (VOUT = VOL)
Output Drive = Med
IV
–19
mA
Output Drive = Low
IV
–8
mA
Differential Input Voltage Single-Ended Amplitude
IV
75
800
mV
POWER SUPPLY
VD Supply Voltage
IV
3.0
3.3
3.6
V
VDD Supply Voltage
Minimum Value for 2 Pixels per
Clock Mode
IV
2.2
3.3
3.6
V
PVD Supply Voltage
IV
3.0
3.3
3.6
V
VD Supply Current (Typical Pattern)
1
V
274
mA
VDD Supply Current (Typical Pattern)
1, 4
V38
mA
PVD Supply Current (Typical Pattern)
1
V21
mA
Total Supply Current (Typical Pattern)
1, 4
VI
362
mA
VD Supply Current (Worst-Case Pattern)
2
V
280
mA
VDD Supply Current (Worst-Case Pattern)
2, 4
V75
mA
PVD Supply Current (Worst-Case Pattern)
2
V21
mA
Total Supply Current (Worst-Case Pattern)
2, 4
VI
400
mA
Power-Down Supply Current (IPD)VI
13
25
mA
AC SPECIFICATIONS
Intrapair (+ to –) Differential Input Skew (TDPS)
IV
360
ps
Channel-to-Channel Differential Input Skew (TCCS)
IV
1.0
Clock
Period
Low-to-High Transition Time for Data and
Output Drive = High; CL = 10 pF
IV
2.0
ns
Controls (DLHT)
Output Drive = Med; CL = 7 pF
IV
3.0
ns
Output Drive = Low; CL = 5 pF
IV
3.4
ns
Low-to-High Transition Time for DATACK (DLHT)
Output Drive = High; CL = 10 pF
IV
1.3
ns
Output Drive = Med; CL = 7 pF
IV
1.9
ns
Output Drive = Low; CL = 5 pF
IV
2.5
ns
High-to-Low Transition Time for Data and
Output Drive = High; CL = 10 pF
IV
2.7
ns
Controls (DHLT)
Output Drive = Med; CL = 7 pF
IV
3.0
ns
Output Drive = Low; CL = 5 pF
IV
3.3
ns
(VD = 3.3 V, VDD = 3 V, Clock = Maximum)


유사한 부품 번호 - AD9887_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9887/PCB AD-AD9887/PCB Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887AKS-100 AD-AD9887AKS-100 Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887AKS-100 AD-AD9887AKS-100 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results

유사한 설명 - AD9887_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com