전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9901 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD9901
상세설명  Ultrahigh Speed Phase/Frequency Discriminator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9901 데이터시트(HTML) 3 Page - Analog Devices

  AD9901_15 Datasheet HTML 1Page - Analog Devices AD9901_15 Datasheet HTML 2Page - Analog Devices AD9901_15 Datasheet HTML 3Page - Analog Devices AD9901_15 Datasheet HTML 4Page - Analog Devices AD9901_15 Datasheet HTML 5Page - Analog Devices AD9901_15 Datasheet HTML 6Page - Analog Devices AD9901_15 Datasheet HTML 7Page - Analog Devices AD9901_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD9901
REV. B
–3–
INPUT/OUTPUT EQUIVALENT CIRCUITS
(Based on DIP Pinouts)
TTL Input
ECL Input
Output
DIE LAYOUT AND MECHANICAL INFORMATION
REFERENCE IN (–VS)+VS (GND)
OUTPUT
RSET
GND (–VS)
+VS (GND)
OUTPUT
VCO IN (–VS)
GND (VCO IN)
GND (
VCO IN)
VS (–VS)
GND (–VS)
GND (
REFERENCE IN)
GND (REFERENCE IN
)
Die Dimensions . . . . . . . . . . . . . . . . . 63
× 118 × 16 (±2) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
× 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Nitride
Die Attach . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold Eutectic
Bond Wire . . . . . . . . 1.25 mil Aluminum; Ultrasonic Bonding
ORDERING GUIDE
Temperature
Package
Package
Model
Ranges
Descriptions
Options
AD9901KQ
0
°C to +70°C
14-Lead Cerdip
Q-14
AD9901KP
0
°C to +70°C
20-Lead Plastic Leaded Chip Carrier
P-20A
AD9901TQ/883
1
–55
°C to +125°C
14-Lead Cerdip
Q-14
AD9901TE/883
1
–55
°C to +125°C
20-Terminal Ceramic Leadless Chip Carrier
E-20A
NOTE
1For specifications, refer to Analog Devices Military Products Databook.
AD9901 BURN-IN CIRCUIT
(Based on DIP ECL Pinouts)
REG
VMID
1k
180
DA3
DA2
VMID
1k
180
50
0.01 F
–VS (–5.2V)
AD9901
ECL HIGH
ECL LOW
DA2
ECL HIGH
ECL LOW
DA3
ALL RESISTORS
5%
ALL CAPACITORS
20%
ALL SUPPLY VOLTAGES
5%
VMID = –1.3V 5%
STATIC: DA2 = ECL HIGH; DA3 = ECL LOW
DYNAMIC: ECL HIGH
5/12
+5.0V
VCO/REF, INPUT
4/13
3/14
–5.2V
VCO/REF, INPUT
VCO/REF, INPUT
0.47V
REFERENCE
TTL MODE = GROUND
ECL MODE = VS (–5.2V)
RSET
TTL MODE = +VS (+5.0V)
ECL MODE = GROUND


유사한 부품 번호 - AD9901_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9901KP AD-AD9901KP Datasheet
157Kb / 8P
   Ultrahigh Speed Phase/Frequency Discriminator
REV. B
AD9901KQ AD-AD9901KQ Datasheet
157Kb / 8P
   Ultrahigh Speed Phase/Frequency Discriminator
REV. B
AD9901TE/883 AD-AD9901TE/883 Datasheet
157Kb / 8P
   Ultrahigh Speed Phase/Frequency Discriminator
REV. B
AD9901TQ/883 AD-AD9901TQ/883 Datasheet
157Kb / 8P
   Ultrahigh Speed Phase/Frequency Discriminator
REV. B
More results

유사한 설명 - AD9901_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9901 AD-AD9901 Datasheet
157Kb / 8P
   Ultrahigh Speed Phase/Frequency Discriminator
REV. B
logo
Hitachi Semiconductor
HA13481S HITACHI-HA13481S Datasheet
215Kb / 10P
   THREE PHASE MOTOR WITH SPEED DISCRIMINATOR
HA13491S HITACHI-HA13491S Datasheet
172Kb / 8P
   THREE PHASE MOTOR DRIVER WITH SPEED DISCRIMINATOR
HA13432 HITACHI-HA13432 Datasheet
88Kb / 2P
   Three-phase Motor Driver with Speed Discriminator
HA13501S HITACHI-HA13501S Datasheet
165Kb / 8P
   THREE PHASE MOTOR DRIVER WITH SPEED DISCRIMINATOR
logo
API Technologies Corp
FDFD6850-1 APITECH-FDFD6850-1 Datasheet
376Kb / 1P
   Digital Frequency Discriminator
logo
Hitachi Semiconductor
HA13480S HITACHI-HA13480S Datasheet
166Kb / 9P
   THREE PHASE MOTOR DRIVER WITH SPEED DISCRIMINATOR
logo
Sanyo Semicon Device
LA7950 SANYO-LA7950 Datasheet
60Kb / 3P
   TV Field Frequency Discriminator
2SA1963 SANYO-2SA1963 Datasheet
129Kb / 5P
   High-Frequency Low-Noise Amp, Ultrahigh-Speed Switching Applications
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com