전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9944 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD9944
상세설명  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9944 데이터시트(HTML) 2 Page - Analog Devices

  AD9944_15 Datasheet HTML 1Page - Analog Devices AD9944_15 Datasheet HTML 2Page - Analog Devices AD9944_15 Datasheet HTML 3Page - Analog Devices AD9944_15 Datasheet HTML 4Page - Analog Devices AD9944_15 Datasheet HTML 5Page - Analog Devices AD9944_15 Datasheet HTML 6Page - Analog Devices AD9944_15 Datasheet HTML 7Page - Analog Devices AD9944_15 Datasheet HTML 8Page - Analog Devices AD9944_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD9943/AD9944
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
General Specifications ................................................................. 3
Digital Specifications ................................................................... 3
AD9943 System Specifications ................................................... 3
AD9944 System Specifications ................................................... 4
Timing Specifications .................................................................. 5
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Terminology ...................................................................................... 9
Equivalent Input Circuits .............................................................. 10
Typical Performance Characteristics ........................................... 11
Internal Register Map .................................................................... 12
Serial Interface ................................................................................ 13
Circuit Description and Operation.............................................. 14
DC Restore .................................................................................. 14
Correlated Double Sampler ...................................................... 14
Optical Black Clamp .................................................................. 14
A/D Converter............................................................................ 15
Variable Gain Amplifier ............................................................ 15
CCD Mode Timing ........................................................................ 16
Applications Information .............................................................. 17
Internal Power-On Reset Circuitry.......................................... 18
Grounding and Decoupling Recommendations.................... 18
Outline Dimensions....................................................................... 19
Ordering Guide............................................................................... 19
REVISION HISTORY
3/14—Rev. B to Rev. C
Added Exposed Pad Notation, Figure 2 and Table 6 ................... 7
Added Exposed Pad Notation, Figure 3 and Table 7 ................... 8
Changes to Figure 17...................................................................... 17
Changes to Figure 18...................................................................... 18
Updated Outline Dimensions....................................................... 19
Changes to Ordering Guide .......................................................... 19
5/04—Data Sheet Changed from Rev. A to Rev. B
Updated Format..................................................................Universal
Updated Outline Dimensions....................................................... 20
Changes to Ordering Guide .......................................................... 20
5/03—Data Sheet changed from Rev. 0 to Rev. A
Added AD9944 ...................................................................Universal
Changes to Features Section............................................................ 1
Updated Ordering Guide................................................................. 5
Replaced TPC 3................................................................................. 9
Added Figure 12.............................................................................. 15
Updated Outline Dimensions....................................................... 16
Rev. C | Page 2 of 20


유사한 부품 번호 - AD9944_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9944KCP AD-AD9944KCP Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
AD9944KCPRL AD-AD9944KCPRL Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
AD9944KCPZ AD-AD9944KCPZ Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9944KCPZ1 AD-AD9944KCPZ1 Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
AD9944KCPZRL AD-AD9944KCPZRL Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results

유사한 설명 - AD9944_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943 Datasheet
498Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. B
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
AD9945 AD-AD9945 Datasheet
222Kb / 16P
   Complete 12-Bit 40 MHz CCD Signal Processor
REV. A
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
   Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
logo
Agamem Microelectronic ...
AA88043 AGAMEM-AA88043 Datasheet
45Kb / 1P
   COMPLETE 10-Bit, 25MHz CCD SIGNAL PROCESSOR
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com