전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9948 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD9948
상세설명  10-Bit CCD Signal Processor with Precision Timing Core
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9948 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD9948_15 Datasheet HTML 4Page - Analog Devices AD9948_15 Datasheet HTML 5Page - Analog Devices AD9948_15 Datasheet HTML 6Page - Analog Devices AD9948_15 Datasheet HTML 7Page - Analog Devices AD9948_15 Datasheet HTML 8Page - Analog Devices AD9948_15 Datasheet HTML 9Page - Analog Devices AD9948_15 Datasheet HTML 10Page - Analog Devices AD9948_15 Datasheet HTML 11Page - Analog Devices AD9948_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
REV. 0
–8–
AD9948
SYSTEM OVERVIEW
CCD
SERIAL
INTERFACE
DOUT
DIGITAL IMAGE
PROCESSING
ASIC
V-DRIVER
HD, VD
CLI
V1–Vx, VSG1–VSGx, SUBCK
H1–H4, RG
CCDIN
AD9948
INTEGRATED
AFE + TD
Figure 1. Typical Application
Figure 1 shows the typical system application diagram for the
AD9948. The CCD output is processed by the AD9948’s AFE
circuitry, which consists of a CDS, a PxGA, a VGA, a black level
clamp, and an A/D converter. The digitized pixel information is
sent to the digital image processor chip, where all postprocessing
and compression occurs. To operate the CCD, CCD timing
parameters are programmed into the AD9948 from the image
processor through the 3-wire serial interface. From the system
master clock, CLI, provided by the image processor, the AD9948
generates the high speed CCD clocks and all internal AFE clocks.
All AD9948 clocks are synchronized with VD and HD. All of
the AD9948’s horizontal pulses (CLPOB, PBLK, and HBLK)
are programmed and generated internally.
The H-drivers for H1–H4 and RG are included in the AD9948,
allowing these clocks to be connected directly to the CCD.
H-drive voltage of 3 V is supported in the AD9948.
Figure 2a shows the horizontal and vertical counter dimensions
for the AD9948. All internal horizontal clocking is programmed
using these dimensions to specify line and pixel locations.
MAXIMUM FIELD DIMENSIONS
12-BIT HORIZONTAL = 4096 PIXELS MAX
12-BIT VERTICAL = 4096 LINES MAX
Figure 2a. Vertical and Horizontal Counters
VD
HD
MAX VD LENGTH IS 4095 LINES
CLI
MAX HD LENGTH IS 4095 PIXELS
Figure 2b. Maximum VD/HD Dimensions


유사한 부품 번호 - AD9948_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9948AD9949 AD-AD9948AD9949 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9948KCP AD-AD9948KCP Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9948KCPRL AD-AD9948KCPRL Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9948KCPZ AD-AD9948KCPZ Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9948KCPZRL AD-AD9948KCPZRL Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
More results

유사한 설명 - AD9948_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9948 AD-AD9948 Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9949 AD-AD9949 Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com