전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1607-YL3-HF 데이터시트(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 2SA1607-YL3-HF
상세설명  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1607-YL3-HF 데이터시트(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1607-YL3-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1607-YL3-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1607-YL3-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
.
Typical Characterisitics
0
1
--
0
.
1
--
2
3
5
7
2
3
5
7
2
--100
--1.0
7
5
3
2
3
2
7
5
3
2
--0.1
--0.01
VBE(sat)
VCE(sat)
VCE(sat), VBE(sat) -- IC
IC / IB=10
Collector Current, IC –mA
100
10
0
0
1
--
0
1
--
0
.
1
--
7
5
7
5
1000
7
5
3
2
3
2
2
3
5
7
2
3
5 7
2
3
SW Time -- IC
VCC=--10V
IC=5IB1=--5IB2
tstg
tf
tr
td
Collector Current, IC –mA
Switching Time Test Circuit
VR
VCC=10V
VBE=--5V
5IB1= --5IB2= IC=50mA
+
+
50
1k
5k
2k
INPUT
OUTPUT
RB
100 F
470 F
PW=10 s
IB1
D.C. 2.5%
Tr. Tf=1ns
For PNP, the polarity is reversed.
IB2
Ambient Temperature, Ta -- C
0
240
200
120
80
160
40
20
0
6
0
40
80
100
140
120
160
PC -- Ta
PNP Transistors
2SA1607-HF


유사한 부품 번호 - 2SA1607-YL3-HF

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SA1607-YL3-HF KEXIN-2SA1607-YL3-HF Datasheet
1Mb / 3P
   PNP Transistors
More results

유사한 설명 - 2SA1607-YL3-HF

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com