전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SDZ36VD 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 SDZ36VD
상세설명  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDZ36VD 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  SDZ36VD Datasheet HTML 1Page - KODENSHI_AUK CORP. SDZ36VD Datasheet HTML 2Page - KODENSHI_AUK CORP. SDZ36VD Datasheet HTML 3Page - KODENSHI_AUK CORP. SDZ36VD Datasheet HTML 4Page - KODENSHI_AUK CORP. SDZ36VD Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. date: 02-APR-12
KSD-D6C033-000
www.auk.co.kr
1 of 5
SDZ36VD
ZENER DIODE
Small Signal Zener Diode
General Description
These diodes small signal Zener diodes, fabricated in planar
technology. Miniature surface mount package is excellent for
hand-held and portable applications where is space is limited.
Features and Benefits
 Silicon epitaxial planar diode
 Low Zener impedance and low leakage current
 Standard Zener voltage tolerance is 5%.
 “Green” device and RoHS compliant device
Applications
 Voltage regulator
Ordering Information
Part Number
Marking Code
Package
Packaging
SDZ36VD
Y6
SOD-323
Tape & Reel
Marking Information
Pinning Information
Pin
Description
Simplified Outline
Graphic Symbol
1
Cathode
2
Anode
Y 6 = Specific Device Code
□ = Year & Week Code Marking
= Color band denote cathode
Y 6
SOD-323


유사한 부품 번호 - SDZ36VD

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
SDZ36V KODENSHI-SDZ36V Datasheet
156Kb / 5P
   ZENER DIODE
SDZ36VCG KODENSHI-SDZ36VCG Datasheet
272Kb / 5P
   Small Signal Zener Diode
SDZ36VG KODENSHI-SDZ36VG Datasheet
260Kb / 5P
   Small Signal Zener Diode
More results

유사한 설명 - SDZ36VD

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com