전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD53513 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD53513
상세설명  Quad Ultrahigh-Speed Pin Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD53513 데이터시트(HTML) 3 Page - Analog Devices

  AD53513_15 Datasheet HTML 1Page - Analog Devices AD53513_15 Datasheet HTML 2Page - Analog Devices AD53513_15 Datasheet HTML 3Page - Analog Devices AD53513_15 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
–3–
REV. 0
AD53513
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD53513 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Power Supply Voltage
+VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 V
–VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –7 V
+VS to –VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Inputs
DATA,
DATA, INH, INH, RLD, VBB . . . . . . . +5 V, –3 V
DATA to
DATA, INH to INH, RLD, VBB . . . . . . . . .
±3V
VH, VL, VT to GND . . . . . . . . . . . . . . . . . . . . . . +7 V, –2 V
VH to VL (VH – VT) and (VT – VL) . . . . . . . . . . . . . . . .
±9V
Outputs
VOUT Short Circuit Duration . . . . . . . . . . . . . . . Indefinite
2
VOUT Range in Inhibit Mode
VHDCPL . . . . . Do Not Connect Except for Capacitor to VCC
VLDCPL . . . . . Do Not Connect Except for Capacitor to VEE
THERM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 V, 0 V
Environmental
Operating Temperature (Junction) . . . . . . . . . . . . . . . 175
°C
Storage Temperature . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec)
3
. . . . . . . . . . . 260
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Absolute maximum limits apply
individually, not in combination. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2Output short circuit protection is guaranteed as long as proper heat sinking is
employed to ensure compliance with the operating temperature limits.
3To ensure lead coplanarity (
± 0.002 inches) and solderability, handling with bare
hands should be avoided and the device should be stored in environments at 24
°C
±5°C (75°F ±10°F) with relative humidity not to exceed 65%.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Shipment Method,
Package
Quantity Per
Package
Model
Description
Shipping Container
Option
AD53513JSQ
100-Lead LQFP-CDQUAD
Tray, 90 Pieces
SQ-100
Parameter
Min
Typ
*
Max
Unit
Test Conditions
DYNAMIC PERFORMANCE, INHIBIT
Delay Time, Active to Inhibit
1.5
2.5
ns
Measured at 50%, VH = +2 V, VL = –2 V, VT = –2 V
Delay Time, Inhibit to Active
0.7
1.7
ns
Measured at 50%, VH = +2 V, VL = –2 V, VT = –2 V
I/O Spike
<200
mV p-p
VH = 0 V, VL = 0 V, VT = –2 V
Output Capacitance
6
pF
Driver Inhibited
DYNAMIC PERFORMANCE, VTERM
Delay Time, Active to VTERM
0.50
1.30
ns
Measured at 50%, VH = +0.8 V, VL = –0.8 V, VT = 0 V
Delay Time, VTERM to Active
0.45
1.25
ns
50
Ω Terminated
Overshoot, Undershoot, and Preshoot
VL = –2 V, VH = +2 V, VT = 0 V
VTERM to VL or VH
±6%/±75
mV
VL = –0.8 V, VH = +0.8 V, VT = 0 V
Output Terminated 50
POWER SUPPLIES
Total Supply Range
15
V
Positive Supply
9
V
Negative Supply
–6
V
Positive Supply Current
570
mA
Negative Supply Current
570
mA
Total Power Dissipation
8.6
W
Temperature Sensor Gain Factor
1.0
µA/K
RLOAD = 4.2 k
Ω, V
SOURCE = 9 V
NOTES
Connecting or shorting the decoupling capacitors to ground will result in the destruction of the device.
*Typical parameters are not production tested but guaranteed through characterization.
Specifications subject to change without notice.


유사한 부품 번호 - AD53513_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD53513JSQ AD-AD53513JSQ Datasheet
92Kb / 4P
   Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
REV. 0
More results

유사한 설명 - AD53513_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD53513 AD-AD53513 Datasheet
92Kb / 4P
   Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
REV. 0
AD1324 AD-AD1324 Datasheet
549Kb / 12P
   Ultrahigh Speed Pin Driver with Inhibit Mode
AD1322 AD-AD1322_15 Datasheet
3Mb / 12P
   ULTRAHIGH SPEED PIN DRIVER WITH INHIBIT MODE
AD53040 AD-AD53040 Datasheet
114Kb / 7P
   Ultrahigh Speed Pin Driver with Inhibit Mode
REV. B
logo
Sanyo Semicon Device
2SK2406 SANYO-2SK2406 Datasheet
88Kb / 3P
   Ultrahigh-Speed Switching, Motor Driver Applications
F607 SANYO-F607 Datasheet
108Kb / 4P
   ULTRAHIGH - SPEED SWITCHING, MOTOR DRIVER APPLICATIONS
FX607 SANYO-FX607 Datasheet
108Kb / 4P
   Ultrahigh-Speed Switching, Motor Driver Applications
logo
Analog Devices
ADA4960-1 AD-ADA4960-1 Datasheet
115Kb / 6P
   Low Distortion Ultrahigh Speed Differential ADC Driver
Rev. PrB
logo
Supertex, Inc
MD1811 SUTEX-MD1811 Datasheet
459Kb / 6P
   HIGH SPEED QUAD MOSFET DRIVER
MD1810 SUTEX-MD1810_07 Datasheet
744Kb / 8P
   High Speed Quad MOSFET Driver
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com