전자부품 데이터시트 검색엔진 |
|
AD73322L 데이터시트(PDF) 11 Page - Analog Devices |
|
AD73322L 데이터시트(HTML) 11 Page - Analog Devices |
11 / 48 page AD73322L Rev. A | Page 11 of 48 Mnemonic Function SCLK Serial Clock Output. This rate determines the serial transfer rate to/from the codec. It is used to clock data or control information to and from the serial port (SPORT). The frequency of SCLK is equal to the frequency of the master clock (MCLK) divided by an integer number—this integer number being the product of the external master clock rate divider and the serial clock rate divider. MCLK Master Clock Input. MCLK is driven from an external clock signal. SDO Serial Data Output. Both data and control information may be output on this pin and are clocked on the positive edge of SCLK. SDO is in three-state when no information is being transmitted and when SE is low. SDOFS Framing Signal Output for SDO Serial Transfers. The frame sync is one bit wide and is active one SCLK period before the first bit (MSB) of each output word. SDOFS is referenced to the positive edge of SCLK. SDOFS is in three-state when SE is low. SDIFS Framing Signal Input for SDI Serial Transfers. The frame sync is one bit wide and is valid one SCLK period before the first bit (MSB) of each input word. SDIFS is sampled on the negative edge of SCLK and is ignored when SE is low. SDI Serial Data Input. Both data and control information may be input on this pin and are clocked on the negative edge of SCLK. SDI is ignored when SE is low. SE SPORT Enable. Asynchronous input enable pin for the SPORT. When SE is set low by the DSP, the output pins of the SPORT are three-stated and the input pins are ignored. SCLK is also disabled internally in order to decrease power dissipation. When SE is brought high, the control and data registers of the SPORT are at their original values (before SE was brought low); however, the timing counters and other internal registers are at their reset values. AGND1 Analog Ground/Substrate Connection. AVDD1 Analog Power Supply Connection. VOUTP2 Analog Output from the Positive Terminal of Output Channel 2. VOUTN2 Analog Output from the Negative Terminal of Output Channel 2. VOUTP1 Analog Output from the Positive Terminal of Output Channel 1. VOUTN1 Analog Output from the Negative Terminal of Output Channel 1. VINP2 Analog Input to the inverting input amplifier on Channel 2’s positive input. VFBP2 Feedback connection from the output of the inverting amplifier on Channel 2’s positive input. When the input amplifiers are bypassed, this pin allows direct access to the positive input of Channel 2’s sigma-delta modulator. VINN2 Analog Input to the inverting input amplifier on Channel 2’s negative input. VFBN2 Feedback connection from the output of the inverting amplifier on Channel 2’s negative input. When the input amplifiers are bypassed, this pin allows direct access to the negative input of Channel 2’s sigma-delta modulator. |
유사한 부품 번호 - AD73322L_15 |
|
유사한 설명 - AD73322L_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |