전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD73360 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD73360
상세설명  Six-Input Channel Analog Front End
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD73360 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD73360_15 Datasheet HTML 4Page - Analog Devices AD73360_15 Datasheet HTML 5Page - Analog Devices AD73360_15 Datasheet HTML 6Page - Analog Devices AD73360_15 Datasheet HTML 7Page - Analog Devices AD73360_15 Datasheet HTML 8Page - Analog Devices AD73360_15 Datasheet HTML 9Page - Analog Devices AD73360_15 Datasheet HTML 10Page - Analog Devices AD73360_15 Datasheet HTML 11Page - Analog Devices AD73360_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
REV. A
AD73360
–8–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
AVDD, DVDD to GND . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital I/O Voltage to DGND . . . . . . –0.3 V to DVDD + 0.3 V
Analog I/O Voltage to AGND . . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . +150
°C
SOIC,
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . 75°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Model
Range
Options
1
AD73360AR
–40
°C to +85°C
R-28
AD73360ASU
–40
°C to +85°C
SU-44
EVAL-AD73360EB
Evaluation Board
2
+EZ-KIT Lite Upgrade
3
EVAL-AD73360EZ
Evaluation Board
2
+EZ-KIT Lite
4
NOTES
1R = 0.3' Small Outline IC (SOIC); SU = Thin Quad Flatpack IC (TQFP).
2The AD73360 evaluation board can be interfaced to an ADSP-2181 EZ-KIT Lite
or to a Texas Instruments EVM kit.
3The upgrade consists of a connector for the expansion port P3 of the EZ-KIT
Lite. This option is intended for existing owners of EZ-KIT Lite.
4The EZ-KIT Lite has been modified to allow it to interface with the AD73360
evaluation board. This option is intended for users who do not already have an
EZ-KIT Lite.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD73360 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATIONS
R-28
SU-44
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD73360
SDO
MCLK
SCLK
RESET
DVDD
DGND
AGND2
VINP2
VINN2
VINP1
VINN1
AVDD2
REFCAP
REFOUT
SDOFS
SDIFS
SDI
SE
AGND1
AVDD1
VINP6
VINN3
VINP3
VINN4
VINP4
VINN6
VINP5
VINN5
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36 35 34
37
12 13
14 15 16 17 18 19 20 21 22
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
29
30
31
32
33
27
28
25
26
23
24
NC
VINN5
VINP5
NC
VINN6
VINP6
NC
REFOUT
REFCAP
AVDD2
AVDD2
AGND2
AGND2
AGND2
NC = NO CONNECT
AGND2
DGND
DGND
DVDD
AVDD1
AVDD1
AGND1
AGND1
AD73360


유사한 부품 번호 - AD73360_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
More results

유사한 설명 - AD73360_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460 AD-AD73460_15 Datasheet
597Kb / 32P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com