전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2304DS 데이터시트(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI2304DS
상세설명  N-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2304DS 데이터시트(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2304DS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2304DS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2304DS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2304DS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-Channel Enhancement MOSFET
SI2304DS (KI2304DS)
Typical Characterisitics
0.01
0.10
1.00
10.00
Single Pulse Power
Time (sec)
TC = 25 C
Single Pulse
10
8
4
0
2
6
0.2
0.4
0.6
0.8
1.0
1.2
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
–50
–25
0
25
50
75
100
125
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0
2
4
6
8
10
e
g
a
tl
o
V
e
c
r
u
o
S
-
o
t-
e
t
a
G
.
s
v
e
c
n
a
t
s
i
s
e
R
-
n
O
e
g
a
tl
o
V
d
r
a
w
r
o
F
e
d
o
i
D
n
i
a
r
D
-
e
c
r
u
o
S
Threshold Voltage
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–4
10–3
10–2
10–1
1
30
VSD
V
)
V
(
e
g
a
tl
o
V
n
i
a
r
D
-
o
t-
e
c
r
u
o
S
GS – Gate-to-Source Voltage (V)
TJ – Temperature ( C)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
ID = 2.5 A
ID = 250 A
10
1
10
TJ = 25 C
TJ = 150 C


유사한 부품 번호 - SI2304DS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SI2304DS PHILIPS-SI2304DS Datasheet
270Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-17 August 2001
logo
Vishay Siliconix
SI2304DS VISHAY-SI2304DS Datasheet
75Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. D, 01-Nov-99
logo
Nexperia B.V. All right...
SI2304DS NEXPERIA-SI2304DS Datasheet
372Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01 - 17 August 2001
logo
Guangdong Kexin Industr...
SI2304DS-3 KEXIN-SI2304DS-3 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
SI2304DS-HF KEXIN-SI2304DS-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

유사한 설명 - SI2304DS

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com