전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2312DS-HF-3 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 SI2312DS-HF-3
상세설명  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2312DS-HF-3 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2312DS-HF-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2312DS-HF-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2312DS-HF-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2312DS-HF-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
20
V
VDS=20V, VGS=0V
1
VDS=20V, VGS=0V, Ta=70℃
75
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±8V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
0.45
0.85
V
On-State Drain Current *1
ID(on)
VDS ≥ 10 V, VGS = 4.5 V
15
A
VGS=4.5V, ID=5.0A
33
VGS=2.5V, ID=4.5A
40
VGS=1.8V, ID=4.0A
51
Forward Transconductance *1
gFS
VDS=15V, ID=5.0A
40
S
Total Gate Charge
Qg
11.2
14
Gate Source Charge
Qgs
1.4
Gate Drain Charge
Qgd
2.2
Turn-On DelayTime
td(on)
15
25
Turn-On Rise Time
tr
40
60
Turn-Off DelayTime
td(off)
48
70
Turn-Off Fall Time
tf
31
45
Body Diode Reverse Recovery Time
trr
IF= 1.0A, dI/dt= 100A/μs
13
25
Maximum Body-Diode Continuous Current
IS
1.0
A
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
0.8
1.2
V
RDS(On)
ID=1.0A, VDS=10V, ,VGEN=4.5V
RL=10Ω,RG=6Ω
nC
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
VGS=4.5V, VDS=10V, ID=5.0A
Static Drain-Source On-Resistance *1
*1 Pulse test: PW ≤ 300us duty cycle≤ 2%.
Marking
Marking
C2* F
N-Channel MOSFET
SI2312DS-HF (KI2312DS-HF)


유사한 부품 번호 - SI2312DS-HF-3

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SI2312DS-HF KEXIN-SI2312DS-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

유사한 설명 - SI2312DS-HF-3

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com