전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADDAC80-CCD-V 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADDAC80-CCD-V
상세설명  Complete Low Cost 12-Bit D/A Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADDAC80-CCD-V 데이터시트(HTML) 3 Page - Analog Devices

  ADDAC80-CCD-V Datasheet HTML 1Page - Analog Devices ADDAC80-CCD-V Datasheet HTML 2Page - Analog Devices ADDAC80-CCD-V Datasheet HTML 3Page - Analog Devices ADDAC80-CCD-V Datasheet HTML 4Page - Analog Devices ADDAC80-CCD-V Datasheet HTML 5Page - Analog Devices ADDAC80-CCD-V Datasheet HTML 6Page - Analog Devices ADDAC80-CCD-V Datasheet HTML 7Page - Analog Devices ADDAC80-CCD-V Datasheet HTML 8Page - Analog Devices ADDAC80-CCD-V Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. B
–3–
ADDAC80/ADDAC85/ADDAC87
ADDAC80
ADDAC85
ADDAC87
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
TEMPERATURE RANGE
Specifications
0
+70
–25
+85
–55
+125
°C
Operating
–25
+85
–55
+125
–55
+125
°C
Storage
–25
+125
–65
+150
–65
+150
°C
NOTES
1Least Significant Bit.
2Adjustable to zero with external trim potentiometer.
3FSR means “Full Scale Range” and is 20 V for the
±10 V range and 10 V for the ±5 V range.
4Gain and offset errors adjusted to zero at 25
°C.
5C
F = 0, see Figure 3a.
6Maximum with no degradation of specification, must be a constant load.
7A minimum of
±12.3 V is required for a ±10 V full scale output and ± 11.4 V is required for all other voltage ranges.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.
ADDAC80
ADDAC85
ADDAC87
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
TECHNOLOGY
Hybrid
Hybrid
Hybrid
DIGITAL INPUT
Binary–CBI
12
12
12
Bits
BCD–CCD
3
3
3
Digits
Logic Levels (TTL Compatible)
VIH (Logic “1”)
2.0
5.5
2.0
5.5
2.0
5.5
V
VIL (Logic “0”)
0
0.8
0
0.8
0
0.8
V
IIH (VIH = 5.5 V)
250
250
250
µA
IIL (VIL = 0.8 V)
–100
–100
–100
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error @ 25
°C
CBI
±1/4
±1/2
±1/2
±1/2
LSB
1
CCD
±1/8
±1/4
±1/4
±1/4
LSB
TA @ TMIN to TMAX
±1/4
±1/2
±1/4
±1/2
±1/2
±1/2
LSB
Differential Linearity Error @ 25
°C
CBI
±1/2
±3/4
±1/2
±1/2
LSB
CCD
±1/4
±1/2
±1/2
±1/2
LSB
TA @ TMIN to TMAX
±1
±1
±1
LSB
Gain Error
2
±0.1
±0.3
±0.1
±0.1
%FSR
3
Offset Error
2
±0.05 ±0.15
±0.05
±0.05
%FSR
3
Temperature Range for Guaranteed
Monotonicity
0
+70
0
+70
–25
+85
°C
DRIFT (TMIN to TMAX)
Total Bipolar Drift, max (includes gain,
offset, and linearity drifts)
±20
ppm of FSR/
°C
Total Error (TMIN to TMAX)
4
Unipolar
±0.08 ±0.15
% of FSR
Bipolar
±0.06 ±0.10
% of FSR
Gain
Including Internal Reference
±15
±30
±20
±20
ppm of FSR/
°C
Excluding Internal Reference
±5
±7
±10
±10
ppm of FSR/
°C
Unipolar Offset
±1
±3
±1
±1
ppm of FSR/
°C
Bipolar Offset
±5
±10
±10
±10
ppm of FSR/
°C
CONVERSION SPEED
Voltage Model (V)
5
Settling Time to
±0.01% of FSR for
FSR Change (2 k
Ω 500 pF load)
with 10 k
Ω Feedback
5
5
5
µs
with 5 k
Ω Feedback
3
3
3
µs
For LSB Change
1.5
1.5
1.5
µs
Slew Rate
10
15
20
20
V/
µs
Current Model (I)
Settling time to
±0.01% of FSR for
FSR Change
10
Ω to 100 Ω Load
300
300
300
ns
for 1 k
111
µs


유사한 부품 번호 - ADDAC80-CCD-V

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADDAC80-CCD-V AD-ADDAC80-CCD-V Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
More results

유사한 설명 - ADDAC80-CCD-V

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87D-CBI-V883 AD-ADDAC87D-CBI-V883 Datasheet
284Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC87 AD-ADDAC87_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC85 AD-ADDAC85_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com