전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADEL2020 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADEL2020
상세설명  Improved Second Source to the EL2020
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADEL2020 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADEL2020_15 Datasheet HTML 2Page - Analog Devices ADEL2020_15 Datasheet HTML 3Page - Analog Devices ADEL2020_15 Datasheet HTML 4Page - Analog Devices ADEL2020_15 Datasheet HTML 5Page - Analog Devices ADEL2020_15 Datasheet HTML 6Page - Analog Devices ADEL2020_15 Datasheet HTML 7Page - Analog Devices ADEL2020_15 Datasheet HTML 8Page - Analog Devices ADEL2020_15 Datasheet HTML 9Page - Analog Devices ADEL2020_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
–6–
ADEL2020
FREQUENCY – Hz
100k
100M
20
10
0
25
15
5
1M
10M
30
OUTPUT LEVEL FOR 3% THD
VS = 5V
VS = 15V
TPC 13. Maximum Undistorted Output Voltage
vs. Frequency
FREQUENCY – Hz
10k
100M
50
20
0
70
30
10
1M
10M
80
40
60
100k
CURVES ARE FOR WORST-CASE
CONDITION WHERE ONE
SUPPLY IS VARIED WHILE THE
OTHER IS HELD CONSTANT
VS = 15V
VS = 5V
RF = 715
AV = +2
TPC 14. Power Supply Rejection vs. Frequency
FREQUENCY – Hz
10
100k
1
10
1k
10k
100
100
1
10
100
VS = 5V TO 15V
INVERTING INPUT
CURRENT
VOLTAGE NOISE
NONINVERTING
INPUT CURRENT
TPC 15. Input Voltage and Current Noise vs. Frequency
FREQUENCY – Hz
10k
100M
0.01
0.1
1M
10M
10
100k
1
VS = 15V
VS = 5V
GAIN = +2
RF = 715
TPC 16. Closed-Loop Output Resistance vs. Frequency
JUNCTION TEMPERATURE – C
–60
140
8
6
4
9
7
5
–40
–20
0
20
40
60
80
100
120
10
VS = 15V
VS = 5V
TPC 17. Supply Current vs. Junction Temperature
SUPPLY VOLTAGE –
V
020
800
400
200
1000
600
300
2468
10
12
14
16
18
1200
700
900
500
1100
RL = 400
GAIN = +10
GAIN = +2
GAIN = –10
TPC 18. Slew Rate vs. Supply Voltage


유사한 부품 번호 - ADEL2020_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADEL2020AN AD-ADEL2020AN Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
ADEL2020AR-20 AD-ADEL2020AR-20 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
ADEL2020AR-20-REEL AD-ADEL2020AR-20-REEL Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
More results

유사한 설명 - ADEL2020_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADEL2020 AD-ADEL2020 Datasheet
345Kb / 12P
   Improved Second Source to the EL2020
REV. A
logo
PerkinElmer Optoelectro...
VTD206 PERKINELMER-VTD206 Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD206K PERKINELMER-VTD206K Datasheet
26Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205 PERKINELMER-VTD205 Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD34F PERKINELMER-VTD34F Datasheet
42Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
   Alternate Source/ Second Source Photodiodes
VTD205K PERKINELMER-VTD205K Datasheet
21Kb / 1P
   Alternate Source/ Second Source Photodiodes
logo
STMicroelectronics
AN1019 STMICROELECTRONICS-AN1019 Datasheet
78Kb / 4P
   Second source for SNAPHAT
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
   SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com