전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB3318E-G 데이터시트(PDF) 4 Page - KODENSHI_AUK CORP.

부품명 SB3318E-G
상세설명  LAMP LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SB3318E-G 데이터시트(HTML) 4 Page - KODENSHI_AUK CORP.

  SB3318E-G Datasheet HTML 1Page - KODENSHI_AUK CORP. SB3318E-G Datasheet HTML 2Page - KODENSHI_AUK CORP. SB3318E-G Datasheet HTML 3Page - KODENSHI_AUK CORP. SB3318E-G Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AUK CORP.
SB3318E-G/SB3318E-G(B)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date: 01-FEB-11
AUK-LDM-001(A)
5. Characteristic Diagrams
Fig.4 Spectrum Distribution
IF=20mA
Fig. 1 IF - VF
Fig. 2 IV - IF
Forward Voltage VF [V]
Forward Current IF [mA]
Fig. 5 Radiation Diagram
Relative Luminous Intensity Iv [%]
Ambient Temperature Ta [℃]
Wavelength λ [nm]
Fig. 3 IF – Ta


유사한 부품 번호 - SB3318E-G

제조업체부품명데이터시트상세설명
logo
AUK corp
SB3318E-G AUK-SB3318E-G Datasheet
206Kb / 4P
   High Brightness LED Lamp
SB3318E-GB AUK-SB3318E-GB Datasheet
206Kb / 4P
   High Brightness LED Lamp
More results

유사한 설명 - SB3318E-G

제조업체부품명데이터시트상세설명
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com