전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4007 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADF4007
상세설명  High Frequency Divider/PLL Synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4007 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADF4007_15 Datasheet HTML 5Page - Analog Devices ADF4007_15 Datasheet HTML 6Page - Analog Devices ADF4007_15 Datasheet HTML 7Page - Analog Devices ADF4007_15 Datasheet HTML 8Page - Analog Devices ADF4007_15 Datasheet HTML 9Page - Analog Devices ADF4007_15 Datasheet HTML 10Page - Analog Devices ADF4007_15 Datasheet HTML 11Page - Analog Devices ADF4007_15 Datasheet HTML 12Page - Analog Devices ADF4007_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADF4007
Rev. B | Page 9 of 16
THEORY OF OPERATION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 9. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
100kΩ
NC
REFIN
NC
NO
SW1
SW2
BUFFER
SW3
TO R COUNTER
POWER-DOWN
CONTROL
Figure 9. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 10. It is followed by a
2-stage limiting amplifier to generate the CML clock levels
needed for the prescaler.
500Ω
1.6V
500Ω
AGND
BIAS
GENERATOR
RFINA
RFINB
AVDD
Figure 10. RF Input Stage
PRESCALER P
The prescaler, operating at CML levels, takes the clock from the
RF input stage and divides it down to a manageable frequency
for the PFD. The prescaler can be selected to be either 8, 16, 32,
or 64, and is effectively the N value in the PLL synthesizer. The
terms N and P are used interchangeably in this data sheet. N1
and N2 set the prescaler values. The prescaler value should be
chosen so that the prescaler output frequency is always less than
or equal to 120 MHz, the maximum specified PFD frequency.
Thus, with an RF frequency of 4 GHz, a prescaler value of 64 is
valid, but a value of 32 or less is not valid.
2
]
[
REFIN
VCO
f
N
f
×
=
R COUNTER
The R counter is permanently set to 2. It allows the input reference
frequency to be divided down by 2 to produce the reference clock
to the phase frequency detector (PFD).
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and the N counter
(prescaler, P) and produces an output proportional to the phase
and frequency difference between them. Figure 11 is a simplified
schematic. The PFD includes a fixed, 3 ns delay element that
controls the width of the antibacklash pulse. This pulse ensures
that there is no dead zone in the PFD transfer function and
minimizes phase noise and reference spurs.
LOGIC HI
D1
D2
Q1
Q2
CLR1
CLR2
CP
U1
U2
UP
DOWN
CPGND
U3
R DIVIDER
3ns
DELAY
N DIVIDER
VP
CHARGE
PUMP
LOGIC HI
Figure 11. PFD Simplified Schematic and Timing (In Lock)


유사한 부품 번호 - ADF4007_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4007BCP AD-ADF4007BCP Datasheet
390Kb / 16P
   High Frequency Divider/PLL Synthesizer
REV. 0
ADF4007BCP-REEL AD-ADF4007BCP-REEL Datasheet
390Kb / 16P
   High Frequency Divider/PLL Synthesizer
REV. 0
ADF4007BCP-REEL7 AD-ADF4007BCP-REEL7 Datasheet
390Kb / 16P
   High Frequency Divider/PLL Synthesizer
REV. 0
More results

유사한 설명 - ADF4007_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4007 AD-ADF4007 Datasheet
390Kb / 16P
   High Frequency Divider/PLL Synthesizer
REV. 0
logo
List of Unclassifed Man...
CX7925B ETC1-CX7925B Datasheet
87Kb / 1P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER AND PROGRAMMABLE DIVIDER
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com