전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4154 데이터시트(PDF) 1 Page - Analog Devices

부품명 ADF4154
상세설명  Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4154 데이터시트(HTML) 1 Page - Analog Devices

  ADF4154_15 Datasheet HTML 1Page - Analog Devices ADF4154_15 Datasheet HTML 2Page - Analog Devices ADF4154_15 Datasheet HTML 3Page - Analog Devices ADF4154_15 Datasheet HTML 4Page - Analog Devices ADF4154_15 Datasheet HTML 5Page - Analog Devices ADF4154_15 Datasheet HTML 6Page - Analog Devices ADF4154_15 Datasheet HTML 7Page - Analog Devices ADF4154_15 Datasheet HTML 8Page - Analog Devices ADF4154_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Fractional-N Frequency Synthesizer
Data Sheet
ADF4154
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2012 Analog Devices, Inc. All rights reserved.
FEATURES
RF bandwidth to 4 GHz
2.7 V to 3.3 V power supply
Separate VP allows extended tuning voltage
Programmable dual-modulus prescaler 4/5, 8/9
Programmable charge pump currents
3-wire serial interface
Digital lock detect
Power-down mode
Pin compatible with the ADF4110/ADF4111/
ADF4112/ADF4113, ADF4106, ADF4153
Programmable modulus on fractional-N synthesizer
Trade-off noise vs. spurious performance
Fast-lock mode with built-in timer
Loop filter design possible with ADIsimPLL™
APPLICATIONS
Base stations for mobile radio (WiMAX, PHS, GSM, PCS, DCS,
CDMA, PMR, W-CDMA, supercell 3G)
Wireless handsets (PMR, GSM, PCS, DCS, CDMA, WCDMA)
CATV equipment
Wireless LANs
Communications test equipment
GENERAL DESCRIPTION
The ADF4154 is a fractional-N frequency synthesizer that
implements local oscillators in the up conversion and down
conversion sections of wireless receivers and transmitters. It
consists of a low noise digital phase frequency detector (PFD),
a precision charge pump, and a programmable reference divider.
There is a Σ-Δ based fractional interpolator to allow programmable
fractional-N division. The INT, FRAC, and MOD registers define
an overall N-divider (N = (INT + (FRAC/MOD))). In addition,
the 4-bit reference counter (R-counter) allows selectable REFIN
frequencies at the PFD input. A complete phase-locked loop (PLL)
can be implemented if the synthesizer is used with an external
loop filter and a voltage-controlled oscillator (VCO).
A key feature of the ADF4154 is the fast-lock mode with a built-
in timer. The user can program a predetermined countdown
time value so that the PLL remains in wide bandwidth mode,
instead of the user having to control this time externally.
Control of all on-chip registers is via a simple 3-wire interface.
The device operates with a power supply ranging from 2.7 V to
3.3 V and can be powered down when not in use.
FUNCTIONAL BLOCK DIAGRAM
LOCK
DETECT
FAST-LOCK
SWITCH
N COUNTER
CP
RFCP3 RFCP2 RFCP1
REFERENCE
DATA
LE
24-BIT
DATA
REGISTER
CLOCK
REFIN
AVDD
AGND
VDD
VDD
DGND
RDIV
NDIV
DGND
CPGND
DVDD VP SDVDD
RSET
RFINA
RFINB
OUTPUT
MUX
MUXOUT
+
HIGH Z
PHASE
FREQUENCY
DETECTOR
ADF4154
THIRD ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
REG
FRACTION
REG
INTEGER REG
CURRENT
SETTING
×2
DOUBLER
4-BIT
R COUNTER
CHARGE
PUMP
Figure 1.


유사한 부품 번호 - ADF4154_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4154BCP AD-ADF4154BCP Datasheet
470Kb / 20P
   Fractional-N Frequency Synthesizer
REV. 0
ADF4154BCP-REEL AD-ADF4154BCP-REEL Datasheet
470Kb / 20P
   Fractional-N Frequency Synthesizer
REV. 0
ADF4154BCP-REEL7 AD-ADF4154BCP-REEL7 Datasheet
470Kb / 20P
   Fractional-N Frequency Synthesizer
REV. 0
ADF4154BCPZ AD-ADF4154BCPZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4154BCPZ-RL AD-ADF4154BCPZ-RL Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
More results

유사한 설명 - ADF4154_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com